| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320C32PCM bảng dữ liệu(PDF) 36 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320C32PCM bảng dữ liệu(HTML) 36 Page - Texas Instruments |
|
36 / 44 page ![]() TMS320C32 DIGITAL SIGNAL PROCESSOR SPRS027C – JANUARY 1995 – REVISED DECEMBER 1996 36 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 serial-port timing [P = tc(H)] (see Figure 29 and Figure 30) (continued) FSX(EXT) FSX(INT) FSR DR DX CLKX / R H1 72 68 69 66 67 67 71 76 75 73 75 74 73 77 65 65 79 Bit 0 Bit n-1 Bit n-2 Bit n-1 Bit n-2 70 NOTES: A. Timing diagrams show operations with CLKXP = CLKRP = FSXP = FSRP = 0. B. Timing diagrams depend upon the length of the serial-port word, where n = 8, 16, 24, or 32 bits, respectively. Figure 29. Fixed Data-Rate-Mode Timing CLKX / R FSX(INT) FSX(EXT) DX FSR DR 73 76 75 74 71 72 70 79 78 Bit 0 Bit n-2 Bit n-3 Bit n-2 Bit n-3 Bit n-1 Bit n-1 77 NOTES: A. Timing diagrams show operation with CLKXP = CLKRP = FSXP = FSRP = 0. B. Timing diagrams depend upon the length of the serial-port word, where n = 8, 16, 24, or 32 bits, respectively. C. The timings that are not specified expressly for the variable data-rate mode are the same as those that are specified for the fixed data-rate mode. Figure 30. Variable Data-Rate-Mode Timing |