| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLV4111IP bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV4111IP bảng dữ liệu(HTML) 4 Page - Texas Instruments |
|
4 / 21 page ![]() TLV4110, TLV4111, TLV4112, TLV4113 FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN SLOS289A – DECEMBER 1999 – REVISED APRIL 2000 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at recommend operating conditions, VDD = 3 V and 5 V (unless otherwise noted) dc performance PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNITS VIO Input offset voltage VV /2 VV /2 25 °C 175 3500 µV VIO Input offset voltage VIC = VDD/2, RL = 100 Ω VO = VDD/2 , RS =50 Ω Full range 4000 µV αVIO Offset voltage draft RL = 100 Ω, RS = 50 Ω 25 °C 3 µV/°C CMRR Common mode rejection ratio VDD = 3 V, RS = 50 Ω VIC = 0 to 2 V, 25 °C 63 dB CMRR Common-mode rejection ratio VDD = 5 V, RS = 50 Ω VIC = 0 to 4 V, 25 °C 68 dB RL=100 Ω 25 °C 78 84 VDD = 3 V, RL=100 Ω Full range 67 DD , VO(PP)=0 to 1V RL=10 kΩ 25 °C 85 100 AVD Large-signal differential voltage RL=10 kΩ Full range 75 dB AVD gg g amplification RL=100 Ω 25 °C 88 94 dB VDD = 5 V, RL=100 Ω Full range 75 DD , VO(PP)=0 to 3V RL=10 kΩ 25 °C 90 110 RL=10 kΩ Full range 85 † Full range is 0 °C to 70°C for C suffix and –40°C to 125°C for I suffix. If not specified, full range is –40°C to 125°C. input characteristics PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNITS VICR Common mode input voltage range Measured over CMRR range VDD = 3 V 25 °C and Full range 0 to 1.5 V VICR Common-mode input voltage range CMRR range, RS = 50 Ω VDD = 5 V 25 °C and Full range 0 to 3.5 V 25 °C 0.3 25 IIO Input offset current VIC = VDD/2 TLV411xC Full range 50 TLV411xI Full range 250 pA VV /2 25 °C 0.3 50 pA IIB Input bias current VO = VDD/2, RS =50 Ω TLV411xC Full range 100 RS = 50 Ω TLV411xI Full range 500 ri(d) Differential input resistance 25 °C 1000 G Ω CIC Common-mode input capacitance f = 100 Hz 25 °C 5 pF † Full range is 0 °C to 70°C for C suffix and –40°C to 125°C for I suffix. If not specified, full range is –40°C to 125°C. |