công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S12SPIV2D bảng dữ liệu(PDF) 49 Page - Motorola, Inc

tên linh kiện S12SPIV2D
Giải thích chi tiết về linh kiện  MC9S12DT128 Device User Guide V02.09
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

S12SPIV2D bảng dữ liệu(HTML) 49 Page - Motorola, Inc

Back Button S12SPIV2D Datasheet HTML 45Page - Motorola, Inc S12SPIV2D Datasheet HTML 46Page - Motorola, Inc S12SPIV2D Datasheet HTML 47Page - Motorola, Inc S12SPIV2D Datasheet HTML 48Page - Motorola, Inc S12SPIV2D Datasheet HTML 49Page - Motorola, Inc S12SPIV2D Datasheet HTML 50Page - Motorola, Inc S12SPIV2D Datasheet HTML 51Page - Motorola, Inc S12SPIV2D Datasheet HTML 52Page - Motorola, Inc S12SPIV2D Datasheet HTML 53Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 138 page
background image
MC9S12DT128 Device User Guide — V02.09
49
$0185
CAN1RIER
Read:
WUPIE
CSCIE
RSTATE1 RSTATE0 TSTATE1 TSTATE0
OVRIE
RXFIE
Write:
$0186
CAN1TFLG
Read:
00000
TXE2
TXE1
TXE0
Write:
$0187
CAN1TIER
Read:
00000
TXEIE2
TXEIE1
TXEIE0
Write:
$0188
CAN1TARQ
Read:
00000
ABTRQ2 ABTRQ1 ABTRQ0
Write:
$0189
CAN1TAAK
Read:
00000
ABTAK2
ABTAK1
ABTAK0
Write:
$018A
CAN1TBSEL
Read:
00000
TX2
TX1
TX0
Write:
$018B
CAN1IDAC
Read:
0
0
IDAM1
IDAM0
0
IDHIT2
IDHIT1
IDHIT0
Write:
$018C
Reserved
Read:
00000000
Write:
$018D
Reserved
Read:
00000000
Write:
$018E
CAN1RXERR
Read: RXERR7 RXERR6 RXERR5 RXERR4 RXERR3 RXERR2 RXERR1 RXERR0
Write:
$018F
CAN1TXERR
Read: TXERR7 TXERR6 TXERR5 TXERR4 TXERR3 TXERR2 TXERR1 TXERR0
Write:
$0190 -
$0193
CAN1IDAR0 -
CAN1IDAR3
Read:
AC7
AC6
AC5
AC4
AC3
AC2
AC1
AC0
Write:
$0194 -
$0197
CAN1IDMR0 -
CAN1IDMR3
Read:
AM7
AM6
AM5
AM4
AM3
AM2
AM1
AM0
Write:
$0198 -
$019B
CAN1IDAR4 -
CAN1IDAR7
Read:
AC7
AC6
AC5
AC4
AC3
AC2
AC1
AC0
Write:
$019C -
$019F
CAN1IDMR4 -
CAN1IDMR7
Read:
AM7
AM6
AM5
AM4
AM3
AM2
AM1
AM0
Write:
$01A0 -
$01AF
CAN0RXFG
Read:
FOREGROUND RECEIVE BUFFER see Table 1-2
Write:
$01B0 -
$01BF
CAN0TXFG
Read:
FOREGROUND TRANSMIT BUFFER see Table 1-2
Write:
$01C0 - $01FF
Reserved
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
$01C0 -
$01FF
Reserved
Read:
00000000
Write:
$0200 - $023F
Reserved
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
$020C -
$023F
Reserved
Read:
00000000
Write:
$0180 - $01BF
CAN1 (Motorola Scalable CAN - MSCAN)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More