| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLV2434CD bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLV2434CD bảng dữ liệu(HTML) 4 Page - Texas Instruments |
|
4 / 34 page ![]() TLV2432, TLV2432A, TLV2434, TLV2434A Advanced LinCMOS ™ RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS SLOS168E – NOVEMBER 1996 – REVISED NOVEMBER 1999 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage, VDD (see Note 1) 12 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Differential input voltage, VID (see Note 2) ±VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage, VI (any input, see Note 1): C and I suffix – 0.3 V to VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input current, II (each input) ±5 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output current, IO ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Total current into VDD+ ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Total current out of VDD– ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Duration of short-circuit current at (or below) 25 °C (see Note 3) unlimited . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous total dissipation See Dissipation Rating Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA: C suffix 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I suffix (dual) – 40 °C to 85°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I suffix (quad) – 40 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Q suffix – 40 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . M suffix – 55 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. All voltage values, except differential voltages, are with respect to the midpoint between VDD+ and VDD – . 2. Differential voltages are at IN+ with respect to IN –. Excessive current flows if input is brought below VDD – – 0.3 V. 3. The output may be shorted to either supply. Temperature and/or supply voltages must be limited to ensure that the maximum dissipation rating is not exceeded. DISSIPATION RATING TABLE PACKAGE TA ≤ 25°C DERATING FACTOR TA = 70°C TA = 85°C TA = 125°C PACKAGE A POWER RATING ABOVE TA = 25°C A POWER RATING A POWER RATING A POWER RATING D (8) D (14) FK JG PW (8) PW (14) U 725 mW 1022 mW 1375 mW 1050 mW 525 mW 720 mW 675 mW 5.8 mW/ °C 7.6 mW/ °C 11.0 mW/ °C 8.4 mW/ °C 4.2 mW/ °C 5.6 mW/ °C 5.4 mW/ °C 464 mW 900 mW 880 mW 672 mW 336 mW 634 mW 432 mW 377 mW 777 mW 715 mW 546 mW 273 mW 547 mW 350 mW 145 mW 450 mW 275 mW 210 mW 105 mW 317 mW 135 mW recommended operating conditions C SUFFIX I SUFFIX Q SUFFIX M SUFFIX UNIT MIN MAX MIN MAX MIN MAX MIN MAX UNIT Supply voltage, VDD 2.7 10 2.7 10 2.7 10 2.7 10 V Input voltage range, VI VDD – VDD + – 0.8 VDD – VDD + – 0.8 VDD – VDD + – 0.8 VDD – VDD + – 0.8 V Common-mode input voltage, VIC VDD – VDD + – 1.3 VDD – VDD + – 1.3 VDD – VDD + – 1.3 VDD – VDD + – 1.3 V Operating free-air temperature, TA 0 70 –40 125 –40 125 –55 125 °C |