| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLV2354IPWLE bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV2354IPWLE bảng dữ liệu(HTML) 7 Page - Texas Instruments |
|
7 / 20 page ![]() TLV2354, TLV2354Y LinCMOS ™ QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS SLCS012B – MAY 1992 – REVISED MARCH 1999 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature† ‡ TLV2354M PARAMETER TEST CONDITIONS TA‡ VDD = 3 V VDD = 5 V UNIT A MIN TYP MAX MIN TYP MAX VIO Input offset voltage VIC =VICRmin See Note 4 25 °C 1 5 1 5 mV VIO Input offset voltage VIC = VICRmin, See Note 4 Full range 10 10 mV IIO Input offset current 25 °C 1 1 pA IIO Input offset current 125 °C 10 10 nA IIB Input bias current 25 °C 5 5 pA IIB Input bias current 125 °C 20 20 nA Common mode input 25 °C 0 to 2 0 to 4 VICR Common-mode input voltage range Full range 0 to 1.75 0 to 3.75 V IOH High-level output VID =1V 25 °C 0.1 0.1 nA IOH g current VID = 1 V Full range 1 1 µA VOL Low-level output VID =1 V IOL =2mA 25 °C 115 300 150 400 mA VOL voltage VID = – 1 V, IOL = 2 mA Full range 600 700 mA IOL Low-level output current VID = – 1 V, VOL = 1.5 V 25 °C 6 16 6 16 mA IDD Supply current VID =1V No load 25 °C 240 500 290 600 µA IDD Supply current VID = 1 V, No load Full range 700 800 µA † All characteristics are measured with zero common-mode input voltage unless otherwise noted. ‡ Full range is – 55 °C to 125°C. IMPORTANT: See Parameter Measurement Information. NOTE 4: The offset voltage limits given are the maximum values required to drive the output above 4 V with VDD = 5 V, 2 V with VDD = 3 V, or below 400 mV with a 10-k Ω resistor between the output and VDD. They can be verified by applying the limit value to the input and checking for the appropriate output state. switching characteristics, VDD = 3 V, TA = 25°C PARAMETER TEST CONDITIONS TLV2354M UNIT PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Response time RL = 5.1 kΩ, CL = 100 pF§, 100 mV input step with 5 mV overdrive 1400 ns Response time See Note 5 L 100-mV input step with 5-mV overdrive 1400 ns § CL includes probe and jig capacitance. NOTE 5: The response time specified is the interval between the input step function and the instant when the output crosses VO = 1 V with VDD = 3 V or when the output crosses VO = 1.4 with VDD = 5 V. switching characteristics, VDD = 5 V, TA = 25°C PARAMETER TEST CONDITIONS TLV2354M UNIT PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Response time RL = 5.1 kΩ, CL = 100 pF§, 100-mV input step with 5-mV overdrive 1300 ns Response time L See Note 5 L , TTL-level input step 900 ns § CL includes probe and jig capacitance. NOTE 5: The response time specified is the interval between the input step function and the instant when the output crosses VO = 1 V with VDD = 3 V or when the output crosses VO = 1.4 with VDD = 5 V. |