| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE2072ACP bảng dữ liệu(PDF) 66 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2072ACP bảng dữ liệu(HTML) 66 Page - Texas Instruments |
|
66 / 77 page ![]() TLE207x, TLE207xA, TLE207xY EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS SLOS181A – FEBRUARY 1997 – REVISED MARCH 2000 66 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS Figure 62 6 4 2 0 020 40 60 8 GAIN MARGIN vs LOAD CAPACITANCE 10 80 100 VCC ± = ±15 V VIC = 0 VO = 0 RL = 2 kΩ TA = 25°C CL – Load Capacitance – pF Figure 63 30 ° 20 ° 10 ° 0 ° 40 ° 50 ° 60 ° 70 ° 80 ° 90 ° –75 – 55 – 35 –15 5 25 45 PHASE MARGIN† vs FREE-AIR TEMPERATURE 65 85 105 VCC ± = ±15 V VCC ± = ±15 V VCC ± = ±5 V VCC ± = ±5 V 125 VIC = 0 VO = 0 RL = 2 kΩ CL = 25 pF CL = 100 pF TA – Free-Air Temperature – °C Figure 64 PHASE MARGIN vs SUPPLY VOLTAGE 04 8 12 16 20 VIC = 0 VO = 0 RL = 2 kΩ TA = 25°C 0 ° 10 ° 90 ° 80 ° 30 ° 20 ° 40 ° 50 ° 60 ° 70 ° CL = 25 pF CL = 100 pF |VCC ±| – Supply Voltage – V Figure 65 0 ° 10 ° 90 ° 80 ° VIC = 0 VO = 0 RL = 2 kΩ TA = 25°C VCC ± = ±15 V VCC ± = ±5 V PHASE MARGIN vs LOAD CAPACITANCE 30 ° 20 ° 40 ° 50 ° 60 ° 70 ° 0 20 40 60 80 100 CL – Load Capacitance – pF † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. |