| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MQME-270-R-Y-ES bảng dữ liệu(PDF) 6 Page - SynQor Worldwide Headquarters |
|
|
|||||||||||||||||||||||||||||
MQME-270-R-Y-ES bảng dữ liệu(HTML) 6 Page - SynQor Worldwide Headquarters |
|
6 / 13 page ![]() Product # MQME-270-P Phone 1-888-567-9596 www.synqor.com Doc.# 005-2ME027P Rev. 2 03/16/09 Page 6 MQME-270-P Current: 2A Technical Specification BASICOPERATIONANDFEATURES TheMQME-270-Pisamulti-stagedifferential-modeandcommon- mode passive EMI filter designed to interface a power source with one or more SynQor DC/DC converters (or other loads that create EMI).Eachstageofthisfilteriswelldampedtoavoidresonances andoscillations,andonlyX7Rmulti-layerceramiccapacitorsare used.Figure 1 shows the typical differential and common-mode attenuation provided by this filter when the source impedance is 50Ω to chassis ground on each input line. TheMQME-270-PEMIfilterincludesalargebulkcapacitor(also X7R)withaseriesdampingresistortocorrectfortheunstabilizing effect of a converter’s negative input resistance. A white paper discussing this negative input resistance and the need for corrective damping can be found on the SynQor website (see Input System Instabilityapplicationnote).Figure2showsthemagnitudeofthe filter’s output impedance when the filter input is connected to a stiff voltage source. The input voltage surge and spike compliance matrix shown on Page 8 displays the worst case requirements listed in various 270VMilitary(VehicleandAircraft)andCivilAircraftstandards. TheMQME-270-PEMIfilterisdesignedtohandlealloftheshort durationvoltagespikerequirementsofthesestandards(withcertain assumptionsregardingDEF-STAN61-5).Someofthelongduration voltage surge requirements remain within the 50V maximum transient rating of a SynQor MQFL-270 DC/DC converter. The othersrequirethetransientsuppressioncircuitryofanMQME-270-T EMI filter to protect the converter from an over-voltage condition. If MQFL-270E or MQFL-270VE converters are used, voltage surges ashighas80Vcanbetoleratedwithouttheneedforthistransient suppression circuitry. When used with SynQor’s DC/DC converters, the MQME-270-P EMIfilterisdesignedtopassalloftherelevantMIL-STD-461C/D/E requirements to their most stringent limits.The MIL-STD-461 ComplianceMatrixTableonPage7liststheserequirementsand describesthesetupusedtopassthem.Figures3-6showresults from selected conductive and radiated emissions tests. The filter is also designed to pass the waveform types and applications specified in RTCA/DO-160E Section 22 (Lightning Induced Transient Susceptibility) to Level 4 (some waveforms/ applications require the MQME-270-T filter and/or external transientsuppressioncircuitry).TheSection22ComplianceMatrix Table on Page 9 lists these waveforms and applications and describes the setup used to pass them. A typical application would place the MQME filter close to the input of the DC/DC converter, with the cases of the filter and the converterconnectedtogetherthroughagroundplane.Bothcases are electrically conductive, so connection to the cases can be made with the fasteners used to secure the device. Do not connect the outputs of multiple MQME-270-P filters in parallel. Connecting filters in this manner may result in slightly unequalcurrentstoflowinthepositiveandreturnpathsofeach filter. These unequal currents may cause the internal common- mode chokes to saturate and thus cause degraded common-mode rejection performance. |