| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLC548IDR bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC548IDR bảng dữ liệu(HTML) 3 Page - Texas Instruments |
|
3 / 12 page ![]() TLC548C, TLC548I, TLC549C, TLC549I 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL SLAS067C – NOVEMBER 1983 – REVISED SEPTEMBER 1996 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 operating sequence ten ten tsu(CS) B7 B0 B1 B2 B3 B4 B5 B6 B7 Conversion Data B MSB MSB LSB Hi-Z State MSB LSB (see Note B) MSB Previous Conversion Data A A7 A7 A6 A5 A4 A3 A2 A1 A0 Hi-Z State Don’t 1 1 (see Note A) tconv tsu(CS) Access Cycle B 88 7 6 5 4 3 2 7 6 5 4 3 2 CLOCK I/O CS OUT DATA Care Sample Cycle B Access Cycle C Sample Cycle C twH(CS) NOTES: A. The conversion cycle, which requires 36 internal system clock periods (17 µs maximum), is initiated with the eighth I/O clock pulse trailing edge after CS goes low for the channel whose address exists in memory at the time. B. The most significant bit (A7) is automatically placed on the DATA OUT bus after CS is brought low. The remaining seven bits (A6–A0) are clocked out on the first seven I/O clock falling edges. B7–B0 follows in the same manner. absolute maximum ratings over operating free-air temperature range (unless otherwise noted) Supply voltage, VCC (see Note 1) 6.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range at any input – 0.3 V to VCC + 0.3 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output voltage range – 0.3 V to VCC + 0.3 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Peak input current range (any input) ±10 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Peak total input current range (all inputs) ±30 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA (see Note 2): TLC548C, TLC549C 0 °C to 70°C . . . . . . . . . . . . . TLC548I, TLC549I – 40 °C to 85°C . . . . . . . . . . . . Storage temperature range, Tstg –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . NOTES: 1. All voltage values are with respect to the network ground terminal with the REF– and GND terminals connected together, unless otherwise noted. 2. The D package is not recommended below – 40 °C. |