| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLC5733A bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC5733A bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 24 page ![]() TLC5733A 20 MSPS 3-CHANNEL ANALOG-TO-DIGITAL CONVERTER WITH HIGH-PRECISION CLAMP SLAS104A – JULY 1995 – REVISED NOVEMBER 1996 13 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 output data format (continued) Table 6. Format 1 CHANNEL OF OUTPUT DATA CHANNEL OF ADC BIT CLK (see Note 1) ADC 6 7 8 9 10 11 12 13 A AD8 AD7 AD6 AD5 AD4 AD3 AD2 AD1 A08 A07 A06 A05 A04 A03 A02 A01 A18 A17 A16 A15 A14 A13 A12 A11 A28 A27 A26 A25 A24 A23 A22 A21 A38 A37 A36 A35 A34 A33 A32 A31 A48 A47 A46 A45 A44 A43 A42 A41 A58 A57 A56 A55 A54 A53 A52 A51 A68 A67 A66 A65 A64 A63 A62 A61 A78 A77 A76 A75 A74 A73 A72 A71 B BD8 BD7 BD6 BD5 BD4 BD3 BD2 BD1 B08 B07 C08 C07 Hi-Z Hi-Z Hi-Z Hi-Z B06 B05 C06 C05 Hi-Z Hi-Z Hi-Z Hi-Z B04 B03 C04 C03 Hi-Z Hi-Z Hi-Z Hi-Z B02 B01 C02 C01 Hi-Z Hi-Z Hi-Z Hi-Z B48 B47 C48 C47 Hi-Z Hi-Z Hi-Z Hi-Z B46 B45 C46 C45 Hi-Z Hi-Z Hi-Z Hi-Z B44 B43 C44 C43 Hi-Z Hi-Z Hi-Z Hi-Z B42 B41 C42 C41 Hi-Z Hi-Z Hi-Z Hi-Z C CD8 CD7 CD6 CD5 CD4 CD3 CD2 CD1 H L Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z L L Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z L L Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z L H Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z H L Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z L L Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z L L Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z L H Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z NOTES: 1. The value of the first sampling clock at A/D conversion is CLK 0. 2. A06 is an example of an entry in the table where A is the ADC channel, 0 is the sampling order, and 6 is the bit number. |