| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLC3704CD bảng dữ liệu(PDF) 15 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC3704CD bảng dữ liệu(HTML) 15 Page - Texas Instruments |
|
15 / 31 page ![]() TLC3704, TLC3704Q QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS SLCS117B – NOVEMBER 1986 – REVISED JANUARY 2002 15 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS† Figure 10 TA – Free-Air Temperature – °C COMMON-MODE REJECTION RATIO vs FREE-AIR TEMPERATURE – 75 – 50 – 25 0 25 50 75 100 125 90 88 86 84 82 80 78 76 74 72 70 VDD = 5 V Figure 11 – 75 – 50 – 25 0 25 50 75 100 125 TA – Free-Air Temperature – °C SUPPLY VOLTAGE REJECTION RATIO vs FREE-AIR TEMPERATURE VDD = 5 V to 10 V 90 88 86 84 82 80 78 76 74 72 70 Figure 12 5 TA – Free-Air Temperature – °C HIGH-LEVEL OUTPUT VOLTAGE vs FREE-AIR TEMPERATURE VDD = 5 V IOH = – 4 mA – 75 – 50 – 25 0 25 50 75 100 125 4.9 4.8 4.7 4.6 4.5 4.55 4.65 4.75 4.85 4.95 Figure 13 VDD = 16 V IOH – High-Level Output Current – mA HIGH-LEVEL OUTPUT VOLTAGE vs HIGH-LEVEL OUTPUT CURRENT TA = 25°C 3 V 4 V 5 V 10 V 0 – 2.5 – 5 – 7.5 – 10 – 12.5 – 15 – 17.5 – 20 VDD – 0.25 – 0.5 – 0.75 – 1 – 1.25 – 1.5 – 1.75 –2 † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. |