công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SWDM532SA bảng dữ liệu(PDF) 1 Page - OPLINK Communications Inc.

tên linh kiện SWDM532SA
Giải thích chi tiết về linh kiện  Fused Single-Mode WDM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OPLINK [OPLINK Communications Inc.]
Trang chủ  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

SWDM532SA bảng dữ liệu(HTML) 1 Page - OPLINK Communications Inc.

  SWDM532SA Datasheet HTML 1Page - OPLINK Communications Inc. SWDM532SA Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
SWDM53 Series
Standard
High Isolation
Unit
Grade (P=Premium, A=Grade A)
P
A
P
A
Operating Wavelength
1295~1325nm / 1528~1565nm
Insertion Loss
< 0.3
< 0.5
< 0.7
< 0.1
dB
Wavelength Dependent Loss
< 0.15
< 0.20
< 0.15
< 0.20
dB
Temperature Dependent Loss
< 0.15
< 0.20
< 0.15
< 0.20
dB
Isolation
> 17
> 16
> 34
> 30
dB
Polarization Dependent Loss
< 0.1
< 0.2
dB
Directivity
> 55
dB
Maximum Power Handling
500
mW
Operating Temperature
- 10 to + 70
°C
Storage Temperature
- 40 to + 85
°C
Fiber Type
Corning SMF-28
Package Dimensions **
P1: 250µm SMF-28 fiber
P2: 900µm loose tube
P3: 3mm cable
P4:
(ø) 3.0 x (L) 54.0
(ø) 3.0 x (L) 60.0
(L) 96 x (W) 12 x (H) 6.4
(L)100 x (W) 80 x (H) 7.0
mm
Applications
Performance Specificationns
Note:
* Values are referenced without connector loss.
** The mechanical tolerance should be +/-0.2 mm on all package dimensions unless otherwise custom speci-
fied.
*** Return loss includes PDL and WDL.
Port 1 In
L
Ø
Port 2 Signal
Port 3 Pump
Port 4 (terminated for
1x2 configuration)
R01.20080624
Fused Single-Mode WDM (1310/1550nm)
SWDM53 Series
Oplink’s 1310/1550nm fused single-mode wavelength division multiplexers are
manufactured using the proven fused biconical taper technology and Oplink’s
stringent quality procedures. With low insertion loss and flat passband, this
device is ideal for combining or separating optical signals in the 1310 and
1550nm bands.
Oplink can provide customized designs to meet specialized feature applica-
tions. Also, Oplink offers modular assemblies that integrate other components
to form a full function module or subsystem.
Ultra Low Insertion Loss
Ultra High Isolation
Low Polarization Sensitivity
High Directivity
High Stable & Reliable
Bidirectional
Telecommunications
CATV
Subscriber Loop
Local Area Networks
Laboratory R&D


Số phần tương tự - SWDM532SA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OPLINK Communications I...
SWDM532SA001113 OPLINK-SWDM532SA001113 Datasheet
172Kb / 2P
Fused Single-Mode WDM
SWDM532SA001114 OPLINK-SWDM532SA001114 Datasheet
172Kb / 2P
Fused Single-Mode WDM
SWDM532SA001153 OPLINK-SWDM532SA001153 Datasheet
172Kb / 2P
Fused Single-Mode WDM
SWDM532SA001154 OPLINK-SWDM532SA001154 Datasheet
172Kb / 2P
Fused Single-Mode WDM
SWDM532SA001213 OPLINK-SWDM532SA001213 Datasheet
172Kb / 2P
Fused Single-Mode WDM
More results

Mô tả tương tự - SWDM532SA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OPLINK Communications I...
SWDM591SP004 OPLINK-SWDM591SP004 Datasheet
282Kb / 2P
Mini Fused Single-Mode WDM
SWDM541SP OPLINK-SWDM541SP Datasheet
277Kb / 2P
Fused Single-Mode WDM
SWDM591SP0016 OPLINK-SWDM591SP0016 Datasheet
274Kb / 2P
Fused Single-Mode WDM
SWDM53-S0166 OPLINK-SWDM53-S0166 Datasheet
172Kb / 2P
Fused Single-Mode WDM
SWDM54-S0167 OPLINK-SWDM54-S0167 Datasheet
284Kb / 2P
Fused Single-Mode WDM
SWDM59-S0168 OPLINK-SWDM59-S0168 Datasheet
172Kb / 2P
Fused Single-Mode WDM
MINI-SWDM OPLINK-MINI-SWDM Datasheet
286Kb / 2P
Mini Fused Single-Mode WDM
SWDM53 OPLINK-SWDM53 Datasheet
172Kb / 2P
Fused Single-Mode WDM
SWDM54 OPLINK-SWDM54 Datasheet
284Kb / 2P
Fused Single-Mode WDM
SWDM59 OPLINK-SWDM59 Datasheet
172Kb / 2P
Fused Single-Mode WDM
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com