| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLC320AC02C bảng dữ liệu(PDF) 72 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC320AC02C bảng dữ liệu(HTML) 72 Page - Texas Instruments |
|
72 / 84 page ![]() A–2 CONTROL FUNCTION OF CONTROL BITS (Continued) BITS TERMINALS D01 D00 FC1 FC0 0 1 1 1 On the next falling edge of FS, the AIC receives DAC data D15 – D02 to DIN and transmits the ADC data D15 – D00 from DOUT. The phase adjustment is determined by the state of D01 and D00 such that on the next rising edge of FS, the next ADC/DAC sampling time occurs later by the number of MCLK periods determined by the value contained in the A ′ register. When the A′ register value is negative, FS occurs earlier. When FC0 and FC1 are both taken high, the AIC initiates a secondary FS to receive a secondary control word at DIN. The secondary frame sync occurs at 1/2 the sampling time as measured from the falling edge of the primary FS. 1 0 1 1 On the next falling edge of FS, the AIC receives DAC data D15 – D02 at DIN and transmits the ADC data D15 – D00 from DOUT. The phase adjustment is determined by the state of D01 and D00. On the next rising edge of FS, the next ADC/DAC sample time occurs earlier by the number of MCLK periods determined by the value contained in the A ′ register. When the A′ register value is negative, FS occurs later. When FC0 and FC1 are both taken high, the AIC initiates a secondary FS to receive a secondary control word at DIN. The secondary frame sync occurs at 1/2 the sampling time as measured from the falling edge of the primary FS. 1 1 1 1 On the next falling edge of the primary FS, the AIC receives DAC data D15 – D02 at DIN and transmits the ADC data D15 – D00 from DOUT. When FC1 and FC0 are both high or D01 and D00 are both high, the AIC initiates a secondary FS to receive a secondary control word at DIN. The secondary FS occurs at 1/2 the sampling time measured from the falling edge of the primary FS. 1 1 0 1 On the next falling edge of FS, the AIC receives DAC data D15 – D02 to DIN and transmits the ADC data D15 – D00 from DOUT. When D00 and D01 are high, the AIC initiates a secondary FS to receive a secondary control word at DIN. The secondary frame sync occurs at 1/2 the sampling time as measured from the falling edge of the primary FS. The phase adjustment is determined by the state of FC1 and FC0 such that on the next rising edge of FS, the next ADC/DAC sampling time occurs later by the number of MCLK periods determined by the value contained in the A ′ register. When the A′ register value is negative, FS occurs earlier. 1 1 1 0 On the next falling edge of FS, the AIC receives DAC data D15 – D02 to DIN and transmits the ADC data D15 – D00 from DOUT. When D00 and D01 are high, the AIC initiates a secondary FS to receive a secondary control word at DIN. The secondary frame sync occurs at 1/2 the sampling time as measured from the falling edge of the primary FS. The phase adjustment is determined by the state of FC1 and FC0 such that on the next rising edge of FS, the next ADC/DAC sampling time occurs later by the number of MCLK periods determined by the value contained in the A ′ register. When the A′ register value is negative, FS occurs earlier. 1 1 1 1 On the next falling edge of FS, the AIC receives DAC data D15 – D02 at DIN and transmits the ADC data D15 – D00 from DOUT. When FC1 and FC0 are both high or D01 and D00 are both high, the AIC initiates a secondary FS to receive a secondary control word at DIN. The secondary FS occurs at 1/2 the sampling time measured from the falling edge of the primary FS. |