| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLC27M4CD bảng dữ liệu(PDF) 31 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC27M4CD bảng dữ liệu(HTML) 31 Page - Texas Instruments |
|
31 / 37 page ![]() TLC27M4, TLC27M4A, TLC27M4B, TLC27M4Y, TLC27M9 LinCMOS ™ PRECISION QUAD OPERATIONAL AMPLIFIERS SLOS093C – OCTOBER 1987 – REVISED MAY 1999 31 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION single-supply operation (continued) Logic Logic Logic (a) COMMON SUPPLY RAILS (b) SEPARATE BYPASSED SUPPLY RAILS (preferred) Logic Logic Logic Power Supply Power Supply Output Output Figure 39. Common Versus Separate Supply Rails input characteristics The TLC27M4 and TLC27M9 are specified with a minimum and a maximum input voltage that, if exceeded at either input, could cause the device to malfunction. Exceeding this specified range is a common problem, especially in single-supply operation. Note that the lower range limit includes the negative rail, while the upper range limit is specified at VDD – 1 V at TA = 25°C and at VDD – 1.5 V at all other temperatures. The use of the polysilicon-gate process and the careful input circuit design gives the TLC27M4 and TLC27M9 very good input offset voltage drift characteristics relative to conventional metal-gate processes. Offset voltage drift in CMOS devices is highly influenced by threshold voltage shifts caused by polarization of the phosphorus dopant implanted in the oxide. Placing the phosphorus dopant in a conductor (such as a polysilicon gate) alleviates the polarization problem, thus reducing threshold voltage shifts by more than an order of magnitude. The offset voltage drift with time has been calculated to be typically 0.1 µV/month, including the first month of operation. Because of the extremely high input impedance and resulting low bias current requirements, the TLC27M4 and TLC27M9 are well suited for low-level signal processing; however, leakage currents on printed-circuit boards and sockets can easily exceed bias current requirements and cause a degradation in device performance. It is good practice to include guard rings around inputs (similar to those of Figure 4 in the Parameter Measurement Information section). These guards should be driven from a low-impedance source at the same voltage level as the common-mode input (see Figure 40). Unused amplifiers should be connected as unity-gain followers to avoid possible oscillation. noise performance The noise specifications in operational amplifier circuits are greatly dependent on the current in the first-stage differential amplifier. The low input bias current requirements of the TLC27M4 and TLC27M9 result in a very low noise current, which is insignificant in most applications. This feature makes the devices especially favorable over bipolar devices when using values of circuit impedance greater than 50 k Ω, since bipolar devices exhibit greater noise currents. |