| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLC2933 bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC2933 bảng dữ liệu(HTML) 3 Page - Texas Instruments |
|
3 / 21 page ![]() TLC2933 HIGH-PERFORMANCE PHASE-LOCKED LOOP SLAS136A – APRIL 1996 – REVISED JUNE 1997 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 VCO inhibit function The VCO has an externally controlled inhibit function which inhibits the VCO output. A high level on the VCO INHIBIT terminal stops the VCO oscillation and powers down the VCO. The output maintains a low level during the power-down mode as shown in Table 1. Table 1. VCO Inhibit Function VCO INHIBIT VCO OSCILLATOR VCO OUT IDD(VCO) Low Active Active Normal High Stopped Low level Power Down PFD operation The PFD is a high-speed, edge-triggered detector with an internal charge pump. The PFD detects the phase difference between two frequency inputs supplied to FIN–A and FIN–B as shown in Figure 2. Nominally the reference is supplied to FIN–A, and the frequency from the external counter output is fed to FIN–B. For clock recovery PLL systems, other types of phase detectors should be used. FIN– A FIN– B PFD OUT VOH Hi-Z VOL Figure 2. PFD Function Timing Chart PFD inhibit control A high level on the PFD INHIBIT terminal places PFD OUT in the high-impedance state and the PFD stops phase detection as shown in Table 2. A high level on the PFD INHIBIT terminal can also be used as the power-down mode for the PFD. Table 2. VCO Output Control Function PFD INHIBIT DETECTION PFD OUT IDD(PFD) Low Active Active Normal High Stopped Hi-Z Power Down |