| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLC27L7CD bảng dữ liệu(PDF) 29 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC27L7CD bảng dữ liệu(HTML) 29 Page - Texas Instruments |
|
29 / 33 page ![]() TLC27L2, TLC27L2A, TLC27L2B, TLC27L7 LinCMOS ™ PRECISION DUAL OPERATIONAL AMPLIFIERS SLOS052B – OCTOBER 1987 – REVISED AUGUST 1994 29 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION output characteristics (continued) Figure 42. Resistive Pullup to Increase VOH IL IF IP RL R1 R2 VO RP VDD VI – + R P + V DD –V O I F ) I L ) I P IP = Pullup current required by the operational amplifier (typically 500 µA) Figure 43. Compensation for Input Capacitance C VO feedback Operational amplifier circuits nearly always employ feedback, and since feedback is the first prerequisite for oscillation, some caution is appropriate. Most oscillation problems result from driving capacitive loads (discussed previously) and ignoring stray input capacitance. A small-value capacitor connected in parallel with the feedback resistor is an effective remedy (see Figure 43). The value of this capacitor is optimized empirically. electrostatic discharge protection The TLC27L2 and TLC27L7 incorporate an internal electrostatic discharge (ESD) protection circuit that prevents functional failures at voltages up to 2000 V as tested under MIL-STD-883C, Method 3015.2. Care should be exercised, however, when handling these devices, as exposure to ESD may result in the degradation of the device parametric performance. The protection circuit also causes the input bias currents to be temperature dependent and have the characteristics of a reverse-biased diode. latch-up Because CMOS devices are susceptible to latch-up due to their inherent parasitic thyristors, the TLC27L2 and TLC27L7 inputs and outputs were designed to withstand –100-mA surge currents without sustaining latch-up; however, techniques should be used to reduce the chance of latch-up whenever possible. Internal protection diodes should not, by design, be forward biased. Applied input and output voltage should not exceed the supply voltage by more than 300 mV. Care should be exercised when using capacitive coupling on pulse generators. Supply transients should be shunted by the use of decoupling capacitors (0.1 µF typical) located across the supply rails as close to the device as possible. The current path established if latch-up occurs is usually between the positive supply rail and ground and can be triggered by surges on the supply lines and/or voltages on either the output or inputs that exceed the supply voltage. Once latch-up occurs, the current flow is limited only by the impedance of the power supply and the forward resistance of the parasitic thyristor and usually results in the destruction of the device. The chance of latch-up occurring increases with increasing temperature and supply voltages. |