| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLC0834C bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC0834C bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 15 page ![]() CS SE Only 5-Bit Shift Register ODD\ SELECT0 EN MUX Analog START SGL\ SELECT1 Circuits To Internal (see Note A) DI CLK CS R D CLK TLC0838 TLC0838 TLC0834 CH7 CH5 CH6 COM CH4 CH3 CH2 CH1 CH0 Comparator SARS CS R Start S CLK CLK Delay Time S R CS DO CS CS D CLK R EOC Register Shift 9-Bit R CLK First LSB Bit 1 Bits 0–7 First MSB Shot One Latch and Logic SAR R CS Bits 0–7 REF Decoder and Ladder EN Flip-Flop functional block diagram NOTE A: For the TLC0834, DI is input directly to the D input of SELECT1; SELECT0 is forced to a high. EVEN DIF 18 15 14 18 18 18 18 12 16 18 17 1 2 3 4 5 6 7 8 9 18 B: Terminal numbers shown are for the DW or N package. |