công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FT2232H bảng dữ liệu(PDF) 39 Page - Future Technology Devices International Ltd.

tên linh kiện FT2232H
Giải thích chi tiết về linh kiện  DUAL HIGH SPEED USB TO MULTIPURPOSE UART
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FTDI [Future Technology Devices International Ltd.]
Trang chủ  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT2232H bảng dữ liệu(HTML) 39 Page - Future Technology Devices International Ltd.

Back Button FT2232H Datasheet HTML 35Page - Future Technology Devices International Ltd. FT2232H Datasheet HTML 36Page - Future Technology Devices International Ltd. FT2232H Datasheet HTML 37Page - Future Technology Devices International Ltd. FT2232H Datasheet HTML 38Page - Future Technology Devices International Ltd. FT2232H Datasheet HTML 39Page - Future Technology Devices International Ltd. FT2232H Datasheet HTML 40Page - Future Technology Devices International Ltd. FT2232H Datasheet HTML 41Page - Future Technology Devices International Ltd. FT2232H Datasheet HTML 42Page - Future Technology Devices International Ltd. FT2232H Datasheet HTML 43Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
Copyright © 2009 Future Technology Devices International Limited
39
Document No.: FT_000061
FT2232H DUAL HIGH SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 2.05
Clearance No.: FTDI#77
4.11 RS232 UART Mode LED Interface Description
When configured in UART mode the FT2232H has two IO pins on each channel dedicated to controlling LED
status indicators, one for transmitted data the other for received data. When data is being transmitted /
received the respective pins drive from tri-state to low in order to provide indication on the LED’s of data
transfer. A digital one-shot timer is used so that even a small percentage of data transfer is visible to the end
user.
Figure 4.19 Dual LED UART Configuration
Figure 4.19
shows a configuration using two individual LED’s – one for transmitted data the other for
received data.
Figure 4.20 Single LED UART Configuration
In Figure 4.20 the transmit and receive LED indicators are wire-OR’ed together to give a single LED
indicator which indicates any transmit or receive data activity.
Note that the LED’s are connected to the same supply as VCCIO.
FT2232H
TXLED#
RXLED#
VCCIO
220R
220R
TX
RX
FT2232H
TXLED#
RXLED#
VCCIO
220R
LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com