| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S12SCIV2 bảng dữ liệu(PDF) 49 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
S12SCIV2 bảng dữ liệu(HTML) 49 Page - Motorola, Inc |
|
49 / 138 page ![]() MC9S12DT128 Device User Guide — V02.09 49 $0185 CAN1RIER Read: WUPIE CSCIE RSTATE1 RSTATE0 TSTATE1 TSTATE0 OVRIE RXFIE Write: $0186 CAN1TFLG Read: 00000 TXE2 TXE1 TXE0 Write: $0187 CAN1TIER Read: 00000 TXEIE2 TXEIE1 TXEIE0 Write: $0188 CAN1TARQ Read: 00000 ABTRQ2 ABTRQ1 ABTRQ0 Write: $0189 CAN1TAAK Read: 00000 ABTAK2 ABTAK1 ABTAK0 Write: $018A CAN1TBSEL Read: 00000 TX2 TX1 TX0 Write: $018B CAN1IDAC Read: 0 0 IDAM1 IDAM0 0 IDHIT2 IDHIT1 IDHIT0 Write: $018C Reserved Read: 00000000 Write: $018D Reserved Read: 00000000 Write: $018E CAN1RXERR Read: RXERR7 RXERR6 RXERR5 RXERR4 RXERR3 RXERR2 RXERR1 RXERR0 Write: $018F CAN1TXERR Read: TXERR7 TXERR6 TXERR5 TXERR4 TXERR3 TXERR2 TXERR1 TXERR0 Write: $0190 - $0193 CAN1IDAR0 - CAN1IDAR3 Read: AC7 AC6 AC5 AC4 AC3 AC2 AC1 AC0 Write: $0194 - $0197 CAN1IDMR0 - CAN1IDMR3 Read: AM7 AM6 AM5 AM4 AM3 AM2 AM1 AM0 Write: $0198 - $019B CAN1IDAR4 - CAN1IDAR7 Read: AC7 AC6 AC5 AC4 AC3 AC2 AC1 AC0 Write: $019C - $019F CAN1IDMR4 - CAN1IDMR7 Read: AM7 AM6 AM5 AM4 AM3 AM2 AM1 AM0 Write: $01A0 - $01AF CAN0RXFG Read: FOREGROUND RECEIVE BUFFER see Table 1-2 Write: $01B0 - $01BF CAN0TXFG Read: FOREGROUND TRANSMIT BUFFER see Table 1-2 Write: $01C0 - $01FF Reserved Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $01C0 - $01FF Reserved Read: 00000000 Write: $0200 - $023F Reserved Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $020C - $023F Reserved Read: 00000000 Write: $0180 - $01BF CAN1 (Motorola Scalable CAN - MSCAN) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 |