công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

628 bảng dữ liệu(PDF) 1 Page - Mallory performance club

tên linh kiện 628
Giải thích chi tiết về linh kiện  RPM ACTIVATED SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MALLORY [Mallory performance club]
Trang chủ  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

628 bảng dữ liệu(HTML) 1 Page - Mallory performance club

  628 Datasheet HTML 1Page - Mallory performance club 628 Datasheet HTML 2Page - Mallory performance club 628 Datasheet HTML 3Page - Mallory performance club 628 Datasheet HTML 4Page - Mallory performance club 628 Datasheet HTML 5Page - Mallory performance club 628 Datasheet HTML 6Page - Mallory performance club 628 Datasheet HTML 7Page - Mallory performance club 628 Datasheet HTML 8Page - Mallory performance club 628 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
WINDOW
RPM ACTIVATED SWITCH
PART NO. 628
INSTALLATION INSTRUCTIONS
Parts Included in this kit:
1
RPM Activated Switch
Part No. 628
1
“U” shaped crimp-on wire terminal
1
#6 x 1⁄4" sheet metal screw
2
#8 x 1⁄2" sheet metal screws
General Information............................................................ ...1
Mounting Procedure........................................................... ...2
Wiring Procedure...................................................................2
RPM and Cylinder Setting Procedure....................................3
Wiring Diagrams for the RPM Activated Switch
Connecting to a HYFIRE® IV.................................................5
Connecting to a HYFIRE® VII.......................................... .....6
Connecting to relays with a HYFIRE® VII.............................7
CONTENTS
Connecting to a Timing Retard............................................8
Connecting to a Timing Control...........................................8
Connecting to a Light...........................................................8
Connecting to an Electric (Shifter) Solenoid.................. .....9
Connecting to a Nitrous System........................................10
Connecting to a Nitrous System and Timing Retard.........10
Shifnoid Wiring............................................................... ...11
The Mallory 628 Window RPM Switch is an RPM switch that is triggered from the tach terminal available on most
aftermarket performance ignitions. It will not only activate at a particular RPM, but can also be set to de-activate
at a second, higher, RPM. It can be used on 4, 6 (even-fire only), and 8 cylinder engines. NOTE: The Mallory 628
CANNOT be triggered from points or electronic distributor. It must be triggered from a tach output terminal.
The 628 features two independent sets of switch contacts that switch other devices on or off when the selected
RPM is reached. These contacts draw a maximum current of 5 amps. To switch more than 5 amps, you must use
the RPM Activated Switch output to drive a high current relay, such as a horn or headlight (see illustrations).
NOTE: The switch contacts are NOT connected electrically. This allows you to turn one circuit on and anoth-
er off at the same RPM.
GENERAL INFORMATION
®
MOUNTING PROCEDURE
Step 1
Disconnect the battery (–) cable to cut power to the system.
Step 2
Mount the unit in an area away from hot engine components or extreme heat, such as exhaust manifolds, and
away from moving parts, such as fans, belts, and linkages.
Step 3
Mount the unit using supplied #8 x 1⁄2" sheet metal screws.


Số phần tương tự - 628

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Bi technologies
628 BITECH-628 Datasheet
65Kb / 5P
220 Small Outline Dual-In-Line Thick Film Surface Mount Resistor Networks
628 BITECH-628 Datasheet
276Kb / 5P
.220??Small Outline
logo
List of Unclassifed Man...
628 ETC2-628 Datasheet
276Kb / 5P
MODELS 627, 628 Model 627, 628 Series
logo
TT Electronics.
628 TTELEC-628 Datasheet
404Kb / 5P
Surface Mount
logo
Abbatron All Rights Res...
628 ABBATRON-628 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results

Mô tả tương tự - 628

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
CN-0274 AD-CN-0274 Datasheet
261Kb / 6P
Ultralow Power, 3-Axis, Motion Activated Switch
REV. A
logo
Mallory performance clu...
636 MALLORY-636 Datasheet
156Kb / 1P
4-Stage RPM Activated Switch
646 MALLORY-646 Datasheet
198Kb / 8P
WINDOW RPM ACTIVATED SWITCH
PN8950 MALLORY-PN8950 Datasheet
390Kb / 4P
MSD RPM Activated Switch
PN8956 MALLORY-PN8956 Datasheet
220Kb / 4P
MSD RPM Activated Window Switch
PN8969 MALLORY-PN8969 Datasheet
354Kb / 4P
Digital RPM Activated Window Switch
logo
Motorola, Inc
MC2830 MOTOROLA-MC2830 Datasheet
31Kb / 1P
Voice Activated Switch
logo
Mallory performance clu...
8950 MALLORY-8950 Datasheet
390Kb / 4P
MSD RPM Activated Switch
8956 MALLORY-8956 Datasheet
220Kb / 4P
MSD RPM Activated Window Switch
8969 MALLORY-8969 Datasheet
354Kb / 4P
Digital RPM Activated Window Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com