| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
THS4031 bảng dữ liệu(PDF) 33 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
THS4031 bảng dữ liệu(HTML) 33 Page - Texas Instruments |
|
33 / 38 page ![]() THS4031, THS4032 100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS SLOS224C – JULY 1999 – REVISED APRIL 2000 33 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION evaluation board An evaluation board is available for the THS4031 (literature number SLOP203) and THS4032 (literature Number SLOP135). This board has been configured for very low parasitic capacitance in order to realize the full performance of the amplifier. A schematic of the evaluation board is shown in Figure 61. The circuitry has been designed so that the amplifier may be used in either an inverting or noninverting configuration. For more information, please refer to the THS4031 EVM User’s Guide (literature number SLOU038) or the THS4032 EVM User’s Guide (literature number SLOU039). To order the evaluation board, contact your local TI sales office or distributor. _ + THS4031 VCC – VCC+ C1 6.8 µF C4 0.1 µF C2 6.8 µF C3 0.1 µF R4 301 Ω R2 301 Ω R3 49.9 Ω R5 49.9 Ω R4 49.9 Ω IN – IN + NULL OUT NULL + + Figure 61. THS4031 Evaluation Board |