| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TCM320AC37CDW bảng dữ liệu(PDF) 17 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TCM320AC37CDW bảng dữ liệu(HTML) 17 Page - Texas Instruments |
|
17 / 23 page ![]() TCM320AC36, TCM320AC37 VOICE-BAND AUDIO PROCESSORS (VBAP ™) SLWS003C – MAY 1992 – REVISED APRIL – 1998 17 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PRINCIPLES OF OPERATION _ + _ + IN VMID 4 2 3 EARGS EARA EARB + – NOTE A: Terminal numbers shown are for the DW and N packages. Figure 6. Earphone Audio-Output Amplifier Configuration and Internal Gain-Setting Network receive data format In the companded mode, eight bits of data are received. The sign bit is the first bit received (see Table 2). In the linear mode, 16 bits of data are received. The first 13 bits are the D/A code, and the remaining three bits form the volume control word (see Table 2). The volume control function is actually an attenuation control in which the first bit received is the most significant. The maximum volume occurs when all three volume control bits are zero. Eight levels of attenuation are selectable in 3-dB steps, giving a maximum attenuation of 21 dB when all bits are 1s. The volume control bits are not latched into the VBAP and must be present in each received data word. |