| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
THMC50 bảng dữ liệu(PDF) 31 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
THMC50 bảng dữ liệu(HTML) 31 Page - Texas Instruments |
|
31 / 32 page ![]() THMC50 REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE SLIS090 – JULY 1999 31 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 MECHANICAL DATA DBQ (R-PDSO-G**) PLASTIC SMALL-OUTLINE PACKAGE Gage Plane 0.008 (0,20) NOM 0.010 (0,25) 0.016 (0,40) 0.035 (0,89) 24 20 Seating Plane (8,74) (8,56) 0.337 0.337 (8,56) (8,74) 0.344 0.344 4073301/D 08/98 13 0.150 (3,81) 0.157 (3,99) 0.012 (0,30) 0.008 (0,20) 12 A 24–PIN SHOWN 1 24 16 DIM PINS ** A MIN A MAX 0.004 (0,10) 0.010 (0,25) 0.069 (1,75) MAX 0.244 (6,20) 0.228 (5,80) 0.197 (5,00) (4,78) 0.188 0.004 (0,10) M 0.005 (0,13) 0.025 (0,64) 0 °–8° NOTES: A. All linear dimensions are in inches (millimeters). B. This drawing is subject to change without notice. C. Body dimensions do not include mold flash or protrusion not to exceed 0.006 (0,15). D. Falls within JEDEC MO-137 |