công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TCM1050D bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TCM1050D
Giải thích chi tiết về linh kiện  DUAL TRANSIENT-VOLTAGE SUPPRESSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TCM1050D bảng dữ liệu(HTML) 2 Page - Texas Instruments

  TCM1050D Datasheet HTML 1Page - Texas Instruments TCM1050D Datasheet HTML 2Page - Texas Instruments TCM1050D Datasheet HTML 3Page - Texas Instruments TCM1050D Datasheet HTML 4Page - Texas Instruments TCM1050D Datasheet HTML 5Page - Texas Instruments TCM1050D Datasheet HTML 6Page - Texas Instruments TCM1050D Datasheet HTML 7Page - Texas Instruments TCM1050D Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TCM1030, TCM1050
DUAL TRANSIENT-VOLTAGE SUPPRESSORS
SCTS040B – JUNE 1989 – REVISED JUNE 1997
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
Q1
TIP
GND
GND
VS
RING
Trip
Circuit
Q2
D1
D2
1
2
4
8
7
6
5
Trip
Circuit
TIP
RING
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
TCM1030 nonrepetitive peak surge current (see Note 1): 10/1000
±16 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10/160
±25 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2/10
±35 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TCM1050 nonrepetitive peak positive surge current:
10/1000
30 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 1)
10/160
45 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2/10
50 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TCM1050 nonrepetitive peak negative surge current:
10/1000
– 25 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 1)
10/160
– 29 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2/10
– 36 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Nonrepetitive peak surge current, tw = 10 ms, half sinewave (see Note 2)
5 A
. . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous 60-Hz sinewave at 1 A
2 s
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: D or P package
260
°C
. . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1 The notation 10/1000 refers to a waveshape having tr = 10 µs and tw = 1000 µs ending at 50% of the peak value. The notation 10/160
is tr = 10 µs and tw = 160 µs. The notation 2/10 is tr = 2 µs and tw = 10 µs.
2. This value applies when the case temperature is at or below 85
°C. The surge current may be repeated after the device has returned
to thermal equilibrium.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
OPERATING FACTOR
TA = 85°C
PACKAGE
A
POWER RATING
ABOVE TA = 25°C
A
POWER RATING
D
725 mW
5.8 mW/
°C
377 mW
P
1000 mW
8.0 mW/
°C
520 mW



Html Pages

1 2 3 4 5 6 7 8