công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TCM29C13 bảng dữ liệu(PDF) 18 Page - Texas Instruments

tên linh kiện TCM29C13
Giải thích chi tiết về linh kiện  COMBINED SINGLE-CHIP PCM CODEC AND FILTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TCM29C13 bảng dữ liệu(HTML) 18 Page - Texas Instruments

Back Button TCM29C13 Datasheet HTML 14Page - Texas Instruments TCM29C13 Datasheet HTML 15Page - Texas Instruments TCM29C13 Datasheet HTML 16Page - Texas Instruments TCM29C13 Datasheet HTML 17Page - Texas Instruments TCM29C13 Datasheet HTML 18Page - Texas Instruments TCM29C13 Datasheet HTML 19Page - Texas Instruments TCM29C13 Datasheet HTML 20Page - Texas Instruments TCM29C13 Datasheet HTML 21Page - Texas Instruments TCM29C13 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
TCM29C13, TCM29C14, TCM29C16, TCM29C17,
TCM129C13, TCM129C14, TCM129C16, TCM129C17
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
SCTS011H – APRIL 1986 – REVISED JULY 1996
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
VCC
DGND
VBB
Figure 7. Diode Configuration for Latch-Up Protection Circuitry
internal sequencing
On the transmit channel, digital outputs PCM OUT and TSX are held in the high-impedance state for
approximately four frames (500
µs) after power up or application of VBB or VCC. After this delay, PCM OUT, TSX,
and signaling are functional and occur in the proper time slot. The analog circuits on the transmit side require
approximately 60 ms to reach their equilibrium value due to the autozero circuit settling time. Therefore, valid
digital information, such as on/off hook detection, is available almost immediately while analog information is
available after some delay.
On the receive channel, the digital output SIGR is also held low for a maximum of four frames after power up
or application of VBB or VCC. SIGR remains low until it is updated by a signaling frame.
To further enhance system reliability, PCM OUT and TSX are placed in the high-impedance state approximately
20
µs after an interruption of CLKX. SIGR is held low approximately 20 µs after an interruption of CLKR. These
interruptions could possibly occur with some kind of fault condition.
power-down and standby operations
To minimize power consumption, a power-down mode and three standby modes are provided.
For power down, an external low signal is applied to PDN. In the absence of a signal, PDN is internally pulled
up to a high logic level and the device remains active. In the power-down mode, the average power consumption
is reduced to 5 mW.
Three standby modes give the user the options of placing the entire device on standby, placing only the transmit
channel on standby, or placing only the receive channel on standby. To place the entire device on standby, both
FSX and FSR are held low. For transmit-only operation (receive channel on standby), FSX is high and FSR is
held low. For receive-only operation (transmit section on standby), FSR is high and FSX is held low. When the
entire device is in standby mode, power consumption is reduced to an average of 3 mW. See Table 1 for
power-down and standby procedures.
Table 1. Power-Down and Standby Procedures
DEVICE STATUS
PROCEDURE
TYPICAL POWER
CONSUMPTION
DIGITAL OUTPUT STATUS
Power down
PDN low
3 mW
TSX and PCM OUT are in the high-impedance state; SIGR
goes low within 10
µs.
Entire device on standby
FSX and FSR are low
3 mW
TSX and PCM OUT are in the high-impedance state; SIGR
goes low within 300 ms.
Only transmit on standby
FSX is low,
FSR is high
40 mW
TSX and PCM OUT are placed in the high-impedance state
within 300 ms.
Only receive on standby
FSR is low,
FSX is high
30 mW
SIGR is placed in the high-impedance state within 300 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com