| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS3471CFS bảng dữ liệu(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS3471CFS bảng dữ liệu(HTML) 8 Page - Texas Instruments |
|
8 / 18 page ![]() TC241 780- × 488-PIXEL CCD IMAGE SENSOR SOCS006C – AUGUST 1986 – REVISED DECEMBER 1991 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 spurious-nonuniformity specification The spurious-nonuniformity specification of the TC241 CCD grades – 10, – 20, – 30, and – 40 is based on several sensor characteristics: • Amplitude of the nonuniform pixel • Polarity of the nonuniform pixel – Black – White • Location of the nonuniformity (see Figure 5) – Area A – Element columns near horizontal center of the area – Element rows near vertical center of the area – Area B – Up to the pixel or line border – Up to area A – Other – Edge of the imager – Up to area B • Nonuniform pixel count • Distance between nonuniform pixels • Column amplitude The CCD sensors are characterized in both an illuminated condition and a dark condition. In the dark condition, the nonuniformity is specified in terms of absolute amplitude as shown in Figure 6. In the illuminated condition, the nonuniformity is specified as a percentage of the total illumination as shown in Figure 7. B A 20 Pixels Lines 11 15 Pixels Lines 7 Pixels 360 Lines 233 Figure 5. Sensor-Area Map |