| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TAS3001C bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS3001C bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 37 page ![]() 1−7 Attempting similar changes in an analog filter would require component changes and potentially a new circuit layout. The flexibility of digital filtering provides a particular advantage to digital equalization. Because of its programmability, a single design using digital filtering can provide a wide range of filtering functions. As a result, this one design can span a number of applications. For a product that is in production, digital filtering can permit equalization changes with minimal cost impact because of this programmability. One concern about digital filters is that some implementations have been prone to zero-input limit cycles. This is a condition where the filter oscillates at a low level when no signal is presented. In a digital audio system, this condition may present itself as a tone or low-level noise. The TAS3001 has a patent-pending technique to combat this problem. 1.11 Pin Assignments NC − No internal connection 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 CS2 DVSS DVDD SDA SCL SDIN1 SDIN2 SDOUT MCLK LRCLK SCLK AVSS_PLL AVDD_PLL CAP_PLL CS1 RESERVED NC NC SCLKOUT LRCLKOUT NC NC NC RESET NC NC POWERDOWN RESERVED PW PACKAGE (TOP VIEW) Figure 1−8. TAS3001 Pin Location Diagram |