| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CTMC1008-R27M bảng dữ liệu(PDF) 1 Page - Central Technologies |
|
|
|||||||||||||||||||||||||||||
CTMC1008-R27M bảng dữ liệu(HTML) 1 Page - Central Technologies |
|
|
1 / 1 page ![]() Wire-wound Chip Inductors - Molded ctparts.com Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids 800-684-5322 Inside US 949-453-1811 Outside US Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice CENTRAL 03.24.06 Size A B C D E mm 2.5±0.2 2.0±0.2 1.8±0.2 1.4±0.1 0.4 inches 0.10±0.008 0.08±0.008 0.07±0.008 0.06±0.004 0.02 PHYSICAL DIMENSIONS SPECIFICATIONS Please specify tolerance code when ordering. CTMC1008-R010_ J = ±5%, K = ±10%, M = ±20% CTMC1008F Please specify “F” for RoHS Compliant L Test Q Q Test SRF DCR Rated Part Inductance Freq. Fact. Freq. Min. Max. DC Number (µH) (MHz) Min. (MHz) (MHz) ( Ω Ω) (mA) CTMC1008_-R010_ .010 100 15 100 2150 .26 530 CTMC1008_-R012_ .012 100 15 100 2050 .27 500 CTMC1008_-R015_ .015 100 15 100 1850 .29 480 CTMC1008_-R018_ .018 100 15 100 1650 .31 450 CTMC1008_-R022_ .022 100 15 100 1550 .37 420 CTMC1008_-R027_ .027 100 15 100 1400 .40 410 CTMC1008_-R033_ .033 100 20 100 1250 .42 400 CTMC1008_-R039_ .039 100 20 100 1100 .45 380 CTMC1008_-R047_ .047 100 20 100 1050 .50 360 CTMC1008_-R056_ .056 100 20 100 950 .60 340 CTMC1008_-R068_ .068 100 20 100 900 .65 320 CTMC1008_-R082_ .082 100 20 100 850 .75 300 CTMC1008_-R10_ .10 100 20 100 750 .80 280 CTMC1008_-R12_ .12 25.2 30 25.2 700 .30 550 CTMC1008_-R15_ .15 25.2 30 25.2 550 .35 500 CTMC1008_-R18_ .18 25.2 30 25.2 500 .40 460 CTMC1008_-R22_ .22 25.2 30 25.2 450 .50 430 CTMC1008_-R27_ .27 25.2 30 25.2 425 .55 420 CTMC1008_-R33_ .33 25.2 30 25.2 400 .60 400 CTMC1008_-R39_ .39 25.2 30 25.2 375 .65 375 CTMC1008_-R47_ .47 25.2 30 25.2 350 .68 350 CTMC1008_-R56_ .56 25.2 30 25.2 325 .75 325 CTMC1008_-R68_ .68 25.2 30 25.2 300 .85 300 CTMC1008_-R82_ .82 25.2 30 25.2 260 1.00 260 CTMC1008_-1R0_ 1.0 7.96 30 7.96 245 1.10 245 CTMC1008_-1R2_ 1.2 7.96 30 7.96 230 1.20 230 CTMC1008_-1R5_ 1.5 7.96 30 7.96 182 1.30 220 CTMC1008_-1R8_ 1.8 7.96 30 7.96 135 1.45 210 CTMC1008_-2R2_ 2.2 7.96 30 7.96 105 1.55 200 CTMC1008_-2R7_ 2.7 7.96 30 7.96 70 1.70 195 CTMC1008_-3R3_ 3.3 7.96 30 7.96 55 1.90 185 CTMC1008_-3R9_ 3.9 7.96 30 7.96 48 2.10 180 CTMC1008_-4R7_ 4.7 7.96 30 7.96 43 2.30 175 CTMC1008_-5R6_ 5.6 7.96 25 7.96 42 2.50 170 CTMC1008_-6R8_ 6.8 7.96 25 7.96 39 2.70 165 CTMC1008_-8R2_ 8.2 7.96 25 7.96 36 3.05 160 CTMC1008_-100_ 10 2.52 25 2.52 33 3.50 155 CTMC1008_-120_ 12 2.52 25 2.52 30 3.80 150 CTMC1008_-150_ 15 2.52 25 2.52 26 4.40 140 CTMC1008_-180_ 18 2.52 25 2.52 24 4.80 130 CTMC1008_-220_ 22 2.52 25 2.52 22 5.50 125 CTMC1008_-270_ 27 2.52 25 2.52 21 6.30 115 CTMC1008_-330_ 33 2.52 25 2.52 20 7.10 110 CTMC1008_-390_ 39 2.52 20 2.52 18 9.50 90 CTMC1008_-470_ 47 2.52 20 2.52 17 11.10 80 CTMC1008_-560_ 56 2.52 20 2.52 16 12.10 75 CTMC1008_-680_ 68 2.52 20 2.52 15 16.60 70 CTMC1008_-820_ 82 2.52 20 2.52 13 19.00 66 CTMC1008_-101_ 100 .796 15 .796 12 21.00 60 CTMC1008 Series From .01 µH to 100 µH Not shown at actual size. CHARACTERISTICS Description: Ferrite core, wire-wound molded chip inductor Applications: TVs, VCRs, disk drives, computer peripherals, telecommunication devices and electronic control boards for automobiles Operating Temperature: -45°C to +85°C Storage Temperature: -55°C to +105°C Inductance Tolerance: ±5%, ±10% & ±20% Testing: Inductance and Q are tested on a HP4285A or a HP4286A at a specified frequency Packaging: Tape & Reel Marking: Parts are marked with inductance code Miscellaneous: RoHS Compliant available Additional Information: Additional electrical & physical information available upon request Samples available. See website for ordering information. RoHS Compliant Available |
Số phần tương tự - CTMC1008-R27M |
|
Mô tả tương tự - CTMC1008-R27M |