công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN75ALS173N bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN75ALS173N
Giải thích chi tiết về linh kiện  QUADRUPLE DIFFERENTIAL LINE RECEIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS173N bảng dữ liệu(HTML) 4 Page - Texas Instruments

  SN75ALS173N Datasheet HTML 1Page - Texas Instruments SN75ALS173N Datasheet HTML 2Page - Texas Instruments SN75ALS173N Datasheet HTML 3Page - Texas Instruments SN75ALS173N Datasheet HTML 4Page - Texas Instruments SN75ALS173N Datasheet HTML 5Page - Texas Instruments SN75ALS173N Datasheet HTML 6Page - Texas Instruments SN75ALS173N Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SN75ALS173
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SLLS132C – SEPTEMBER 1991 – REVISED MAY 1995
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of common-mode input voltage, supply
voltage, and operating free-air temperature (unless otherwise noted) (see Note 3)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIT +
Positive-going input threshold
voltage
200
mV
VIT –
Negative-going input threshold
voltage
– 200‡
mV
Vhys Hysteresis voltage (VIT + – VIT –)
50
mV
VIK
Input clamp voltage
G, G
II = – 18 mA
– 1.5
V
VOH
High-level output voltage
VID = 200 mV,
IOH = – 400 µA, See Figure 1
2.7
V
VOL
Low-level output voltage
VID = – 200 mV, IOL = 8 mA,
See Figure 1
0.45
V
IOZ
High-impedance-state output current
VO = 0.4 V to 2.4 V
±20
µA
II
Line input current
Other input at 0 V
VI = 12 V
1
mA
II
Line input current
Other input at 0 V
VI = – 7 V
– 0.8
mA
IIH
High-level input current
G, G
VIH = 2.7 V
20
µA
IIL
Low-level input current
G, G
VIL = 0.4 V
– 100
µA
ri
Input resistance
12
k
Ω
IOS
Short-circuit output current
See Note 4
–15
–85
mA
ICC
Supply current (total package)
No load,
Outputs enabled
16
24
mA
ICC
Supply current (total package)
No load,
Outputs disabled
18
27
mA
† All typical values are at VCC = 5 V and TA = 25°C.
‡ The algebraic convention, in which the less positive (more negative) limit is designated as minimum, is used in this data sheet for threshold voltage
levels only.
NOTES:
3. Refer to ANSI Standard RS-485 for exact conditions.
4. The duration of the short circuit should not cause the maximum package power dissipation to be exceeded.
switching characteristics, VCC = 5 V, CL = 15 pF, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPHL
Propagation delay time, high- to low-level output
VID = – 2.5 V to 2.5 V,
9
18
27
ns
tPLH
Propagation delay time, low- to high-level output
ID
,
See Figure 2
9
18
27
ns
tPZH
Output enable time to high level
See Figure 3
4
12
18
ns
tPZL
Output enable time to low level
See Figure 4
6
13
21
ns
tPHZ
Output disable time from high level
See Figure 3
10
21
27
ns
tPLZ
Output disable time from low level
See Figure 4
8
15
25
ns
PARAMETER MEASUREMENT INFORMATION
VOH
(–)
IOH
(+)
IOL
VID
VOL
2 V
Figure 1. VOH, VOL



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com