công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

APT17 bảng dữ liệu(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

tên linh kiện APT17
Giải thích chi tiết về linh kiện  HIGH VOLTAGE NPN TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Trang chủ  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

APT17 bảng dữ liệu(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  APT17 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited APT17 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited APT17 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited APT17 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited APT17 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited APT17 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited APT17 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited APT17 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited APT17 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
HIGH VOLTAGE NPN TRANSISTOR
APT17
Data Sheet
2
May. 2009 1. 1
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Value
Unit
Collector-Emitter Voltage (VBE=0)
VCES
700
V
Collector-Emitter Voltage (IB=0)
VCEO
480
V
Emitter-Base Voltage (IC=0)
VEBO
10
V
Collector Current
IC
50
mA
Collector Peak Current (Pulse)
ICM
100
mA
Base Current
IB
25
mA
Base Peak Current (Pulse)
IBM
50
mA
Power Dissipation, TA=25oC
SOT-23
PTOT
0.2
W
TO-92
0.5
Operating Junction Temperature
150
oC
Storage Temperature Range
-55 to 150
oC
Ordering Information
Package
Part Number
Marking ID
Packing Type
SOT-23
APT17NTR-G1
GD8
Tape & Reel
TO-92
APT17Z-G1
APT17Z-G1
Bulk
APT17ZTR-G1
APT17Z-G1
Ammo
Circuit Type
G1: Green
APT17
-
TR: Tape & Reel or Ammo
Blank: Bulk
Package
Absolute Maximum Ratings (Note 1)
Z: TO-92
N: SOT-23
BCD Semiconductor's products, as designated with "G1" suffix in the part number, are RoHS compliant and Green.
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com