| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM26LS30 bảng dữ liệu(PDF) 11 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
AM26LS30 bảng dữ liệu(HTML) 11 Page - Motorola, Inc |
|
11 / 14 page ![]() AM26LS30 11 MOTOROLA ANALOG IC DEVICE DATA Figure 17. EIA–422–A Example NOTES: 1. Terminating resistors RT should be located at the physical ends of the cable. 2. Stubs should be as short as possible. 3. Receivers = AM26LS32, MC3486, SN75173 or SN75175. 4. Circuit grounds must be connected together through a dedicated wire. Figure 18. EIA–423–A Example En TTL R AM26LS32, MC3486, SN75173, or SN75175 TTL CC D – RT + AM26LS30 D TTL R D R D TTL TTL TTL D TTL D TTL TTL TTL En R Twisted Pair RT D RT En En TTL R En R TTL En TTL TTL R – RT + TTL R – RT + TTL R – RT + TTL CC D TTL CC D TTL CC D |