công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RCOB005D bảng dữ liệu(PDF) 3 Page - Sensortechnics GmbH

tên linh kiện RCOB005D
Giải thích chi tiết về linh kiện  Precision compensated pressure sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SENSORTECHNICS [Sensortechnics GmbH]
Trang chủ  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RCOB005D bảng dữ liệu(HTML) 3 Page - Sensortechnics GmbH

  RCOB005D Datasheet HTML 1Page - Sensortechnics GmbH RCOB005D Datasheet HTML 2Page - Sensortechnics GmbH RCOB005D Datasheet HTML 3Page - Sensortechnics GmbH RCOB005D Datasheet HTML 4Page - Sensortechnics GmbH RCOB005D Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RCO Series
Precision compensated pressure sensors
3/5
E / 11712 / A
www.sensortechnics.com
PERFORMANCE CHARACTERISTICS1
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Zs
e
c
i
v
e
d
P
D
.
.
.
O
C
R
ll
a5
2
.
0
-0
5
2
.
0
+
V
m
s
e
c
i
v
e
d
P
A
.
.
.
O
C
R
ll
a
2
1
0
5
.
0
-0
0
5
.
0
+
s
i
s
e
r
e
t
s
y
h
d
n
a
y
t
i
r
a
e
n
il
d
e
n
i
b
m
o
C
4
1
.
0
±5
.
0
±O
S
F
%
)
C
°
0
7
o
t
0
(
s
t
c
e
f
f
e
e
r
u
t
a
r
e
p
m
e
T
5
t
e
s
f
f
O1
.
0
±5
.
0
±V
m
n
a
p
S2
.
0
±0
.
1
±
O
S
F
%
y
t
il
i
b
a
t
a
e
p
e
R
6
2
.
0
±5
.
0
±
e
c
n
a
d
e
p
m
i
t
u
p
n
I
7
0
.
4
k
Ω
e
c
n
a
d
e
p
m
i
t
u
p
t
u
O
8
0
.
4
e
g
a
tl
o
v
e
d
o
m
n
o
m
m
o
C
9
8
.
50
.
62
.
6V
C
D
e
m
it
e
s
n
o
p
s
e
R
0
1
0
0
1c
e
s
µ
n
a
p
s
d
n
a
t
e
s
f
f
o
f
o
y
t
il
i
b
a
t
s
m
r
e
t
g
n
o
L
1
1
1
.
0
±V
m
RCO...P (Prime Grade) devices
RCO...H (High Grade) devices
Specification notes:
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
11.
12.
Reference conditions: V
S = 12 V, TA = 25°C, common-mode line pressure = 0 barg, pressure applied to Port B. For absolute
devices only, pressure is applied to Port A and the output polarity is reversed.
Maximum pressure above which causes permanent sensor failure.
Span is the algebraic difference between the output voltage at full-scale pressure and the output at zero pressure. Span
is ratiometric to the supply voltage.
Hysteresis - the maximum output difference at any point within the operating pressure range for increasing and decreasing
pressure.
Maximum error band of the offset voltage and the error band of the span, relative to the 25°C reading.
Maximum difference in output at any pressure within the operating pressure range and temperature within 0°C to +70°C after:
a) 1,000 temperature cycles, 0°C to +70°C
b)
1.5 million pressure cycles, 0 psi to full-scale span
Input impedance is the impedance between pins 2 and 4.
Output impedance is the impedance between pins 3 and 5.
This is the common-mode voltage of the output arms (pins 3 and 5) for V
S = 12 VDC.
Response time for a 0 bar to full-scale span pressure step change, 10 % to 90 % rise time.
Long term stability over a one year period.
Absolute devices with improved zero pressure offset values are available on request. Please contact your nearest
Sensortechnics sales office for further information.
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Zs
e
c
i
v
e
d
H
D
.
.
.
O
C
R
ll
a0
5
.
0
-0
0
5
.
0
+
V
m
s
e
c
i
v
e
d
H
A
.
.
.
O
C
R
ll
a
2
1
0
0
.
1
-0
0
0
.
1
+
s
i
s
e
r
e
t
s
y
h
d
n
a
y
t
i
r
a
e
n
il
d
e
n
i
b
m
o
C
4
2
.
0
±0
.
1
±O
S
F
%
)
C
°
0
7
o
t
0
(
s
t
c
e
f
f
e
e
r
u
t
a
r
e
p
m
e
T
5
t
e
s
f
f
O2
.
0
±0
.
1
±V
m
n
a
p
S4
.
0
±0
.
2
±
O
S
F
%
y
t
il
i
b
a
t
a
e
p
e
R
6
2
.
0
±5
.
0
±
e
c
n
a
d
e
p
m
i
t
u
p
n
I
7
0
.
4
k
Ω
e
c
n
a
d
e
p
m
i
t
u
p
t
u
O
8
0
.
4
e
g
a
t
l
o
v
e
d
o
m
n
o
m
m
o
C
9
7
.
50
.
63
.
6V
C
D
e
m
i
t
e
s
n
o
p
s
e
R
0
1
0
0
1c
e
s
µ
n
a
p
s
d
n
a
t
e
s
f
f
o
f
o
y
t
il
i
b
a
t
s
m
r
e
t
g
n
o
L
1
1
1
.
0
±V
m



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com