| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SP-48-IR1-RDA bảng dữ liệu(PDF) 4 Page - Source Photonics, Inc. |
|
|
|||||||||||||||||||||||||||||
SP-48-IR1-RDA bảng dữ liệu(HTML) 4 Page - Source Photonics, Inc. |
|
4 / 6 page ![]() 4 OC-48 IR1/STM-16 S-16.1 SFP Transceiver SP-48-IR1 20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486 9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213 LUMINENTOIC.COM LUMNDS258-FEB1706 rev.A.1 Name of Field Discription of Field Address Hex ASCII Vendor Name SFPVendor name (ASCII) 20 4C L 21 55 U 22 4D M 23 49 I 24 4E N 25 45 E 26 4E N 27 54 T 28 4F O 29 49 I 30 43 C Vendor OUI IEEE vendor OUI code for LuminentOIC Inc. 37 00 38 06 39 B5 Vendor PN Part number in ASCII, e.g. SP-48-IR1-CDA 40 53 S 41 50 P 42 34 4 43 38 8 44 49 I 45 52 R 46 31 1 47 43 C 48 44 D 49 41 A EEPROM Serial ID Pin Function Notes 1 VeeT TX GND 2 TX_FAULT Open Collector 3 TX_DISABLE Internally Pulled High 4 MOD_DEF2 Serial Data Input 5 MOD_DEF1 Serial Clock Input 6 MOD_DEF0 Internally Grounded 7 NC Not Connected 8 LOS Open Collector 9 VeeR RX Ground 10 VeeR RX Ground 11 VeeR RX Ground 12 RXD- RX Data Negative 13 RXD+ RX Data Positive 14 VeeR RX GND 15 VCCR RX Power 16 VCCT TX Power 17 VeeT TX GND 18 TXD+ TX Data Positive 19 TXD- TX Data Negative 20 VeeT TX GND Pinout Definitions |