công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74ACT3631 bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện SN74ACT3631
Giải thích chi tiết về linh kiện  512 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT3631 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button SN74ACT3631 Datasheet HTML 3Page - Texas Instruments SN74ACT3631 Datasheet HTML 4Page - Texas Instruments SN74ACT3631 Datasheet HTML 5Page - Texas Instruments SN74ACT3631 Datasheet HTML 6Page - Texas Instruments SN74ACT3631 Datasheet HTML 7Page - Texas Instruments SN74ACT3631 Datasheet HTML 8Page - Texas Instruments SN74ACT3631 Datasheet HTML 9Page - Texas Instruments SN74ACT3631 Datasheet HTML 10Page - Texas Instruments SN74ACT3631 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
SN74ACT3631
512
× 36
CLOCKED FIRST-IN, FIRST-OUT MEMORY
SCAS246G – AUGUST 1993 – REVISED APRIL 1998
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
serial load
To serially program the X and Y registers, the device is reset with FS0/SD and FS1/SEN high during the
low-to-high transition of RST. After this reset is complete, the X- and Y-register values are loaded bitwise through
FS0/SD on each low-to-high transition of CLKA that FS1/SEN is low. Writes of 18 bits are needed to complete
the programming. The first bit write stores the most-significant bit of the Y register, and the last bit write stores
the least-significant bit of the X register. Each register value can be programmed from 1 to 508.
When the option to program the offset registers serially is chosen, the input-ready (IR) flag remains low until
all register bits are written. The IR flag is set high by the low-to-high transition of CLKA after the last bit is loaded
to allow normal FIFO operation.
FIFO write/read operation
The state of the port-A data (A0 – A35) outputs is controlled by the port-A chip select (CSA) and the port-A
write/read select (W/RA). The A0 – A35 outputs are in the high-impedance state when either CSA or W/RA is
high. The A0 – A35 outputs are active when both CSA and W/RA are low.
Data is loaded into the FIFO from the A0 – A35 inputs on a low-to-high transition of CLKA when CSA and the
port-A mailbox select (MBA) are low, W/RA, the port-A enable (ENA), and the input-ready (IR) flag are high
(see Table 2). Writes to the FIFO are independent of any concurrent FIFO reads.
Table 2. Port-A Enable Function Table
CSA
W/RA
ENA
MBA
CLKA
A0 – A35 OUTPUTS
PORT FUNCTION
H
X
X
X
X
In high-impedance state
None
L
H
L
X
X
In high-impedance state
None
L
H
H
L
↑
In high-impedance state
FIFO write
L
H
H
H
↑
In high-impedance state
Mail1 write
L
L
L
L
X
Active, mail2 register
None
L
L
H
L
↑
Active, mail2 register
None
L
L
L
H
X
Active, mail2 register
None
L
L
H
H
↑
Active, mail2 register
Mail2 read (set MBF2 high)
The port-B control signals are identical to those of port A, with the exception that the port-B write/read select
(W/RB) is the inverse of the port-A write/read select (W/RA). The state of the port-B data (B0 – B35) outputs is
controlled by the port-B chip select (CSB) and the port-B write/read select (W/RB). The B0 – B35 outputs are
in the high-impedance state when either CSB is high or W/RB is low. The B0 – B35 outputs are active when CSB
is low and W/RB is high.
Data is read from the FIFO to its output register on a low-to-high transition of CLKB when CSB and the port-B
mailbox select (MBB) are low, W/RB, the port-B enable (ENB), and the output-ready (OR) flag are high
(see Table 3). Reads from the FIFO are independent of any concurrent FIFO writes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26