| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74ACT3622PCB bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74ACT3622PCB bảng dữ liệu(HTML) 9 Page - Texas Instruments |
|
9 / 28 page ![]() SN74ACT3622 256 × 36 × 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY SCAS247D – AUGUST 1993 – REVISED APRIL 1998 9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 synchronized FIFO flags (continued) Table 4. FIFO1 Flag Operation NUMBER OF WORDS IN FIFO1†‡ SYNCHRONIZED TO CLKB SYNCHRONIZED TO CLKA FIFO1†‡ ORB AEB AFA IRA 0 L L H H 1 to X1 H LH H (X1 + 1) to [256 – (Y1 + 1)] H HH H (256 – Y1) to 255 H HL H 256 H H L L † X1 is the almost-empty offset for FIFO1 used by AEB. Y1 is the almost-full offset for FIFO1 used by AFA. Both X1 and Y1 are selected during a reset of FIFO1 or programmed from port A. ‡ When a word loaded to an empty FIFO is shifted to the output register, its previous FIFO memory location is free. Table 5. FIFO2 Flag Operation NUMBER OF WORDS IN FIFO2†‡ SYNCHRONIZED TO CLKA SYNCHRONIZED TO CLKB FIFO2†‡ ORA AEA AFB IRB 0 L L H H 1 to X2 H LH H (X2 + 1) to [256 – (Y2 + 1)] H HH H (256 – Y2) to 255 H HL H 256 H H L L † X2 is the almost-empty offset for FIFO2 used by AEA. Y2 is the almost-full offset for FIFO2 used by AFB. Both X2 and Y2 are selected during a reset of FIFO2 or programmed from port A. ‡ When a word loaded to an empty FIFO is shifted to the output register, its previous FIFO memory location is free. output-ready flags (ORA, ORB) The OR flag of a FIFO is synchronized to the port clock that reads data from its array. When the OR flag is high, new data is present in the FIFO output register. When the OR flag is low, the previous data word is present in the FIFO output register and attempted FIFO reads are ignored. A FIFO read pointer is incremented each time a new word is clocked to its output register. From the time a word is written to a FIFO, it can be shifted to the FIFO output register in a minimum of three cycles of the OR flag synchronizing clock; therefore, an OR flag is low if a word in memory is the next data to be sent to the FIFO output register and three cycles of the port clock that reads data from the FIFO have not elapsed since the time the word was written. The OR flag of the FIFO remains low until the third low-to-high transition of the synchronizing clock occurs, simultaneously forcing the OR flag high and shifting the word to the FIFO output register. A low-to-high transition on an OR flag synchronizing clock begins the first synchronization cycle of a write if the clock transition occurs at time tsk1, or greater, after the write. Otherwise, the subsequent clock cycle can be the first synchronization cycle (see Figures 7 and 8). |