công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SF22 bảng dữ liệu(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

tên linh kiện SF22
Giải thích chi tiết về linh kiện  SUPER FAST RECTIFIERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Trang chủ  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SF22 bảng dữ liệu(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  SF22 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dated : 21/04/2004
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
SF21 THRU SF28
SUPER FAST RECTIFIERS
Reverse Voltage – 50 to 600 Volts
Forward Current – 2.0 Amperes
Features
• Super fast switching for high efficiency
• Low reverse leakage
• High forward surge current capability
• High temperature soldering guaranteed:
250℃/10 seconds, 0.375” (9.5mm) lead length,
5 ibs, (2.3kg) tension
Mechanical Data
• Case: JEDEC DO-15 molded plastic body
• Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
• Polarity: Color band denotes cathode end
• Mounting Position: Any
Absolute Maximum Ratings and Characteristics
Rating at 25oC ambient temperature unless otherwise specified. Single-phase, half wave, 60Hz, resistive or
inductive load. For capacitive load, derate current by 20%.
Symbols SF21 SF22 SF23 SF24 SF25 SF26 SF28 Units
Repetitive Peak Reverse Voltage
VRRM
50
100
150
200
300
400
600
V
RMS Voltage
VRMS
35
70
105
140
210
280
420
V
DC Blocking Voltage
VDC
50
100
150
200
300
400
600
V
Average Forward Rectified Current 0.375”(9.5mm)
Lead Length at TA = 55
OC
I(AV)
2.0
A
Peak Forward Surge Current ,
8.3mS Single Half Sine-Wave Superimposed
on Rated Load (JEDEC Method)
IFSM
50
A
Instantaneous Forward Voltage @ 2.0A
VF
0.95
1.25
V
DC Reverse Current
@ TA = 25
OC
at Rated DC Blocking Voltage
@ TA = 100
OC
IR
IR
5
50
uA
Reverse Recovery Time (Note 1)
Trr
35
nS
Typical Junction Capacitance (Note 2)
CJ
60
30
pF
Typical Thermal Resistance (Note 3)
RJA
50
℃
/W
Operating Junction Temperature Range
TJ
-65 to +150
℃
Storage Temperature Range
TS
-65 to +150
℃
Note: (1) Reverse recovery test conditions: IF = 0.5A, IR = 1A, IRR = 0.25A.
(2) Measured at 1 MHz and applied reverse voltage of 4 Volts D.C
(3) Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P. C. B. mounted


Số phần tương tự - SF22

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mospec Semiconductor
SF22 MOSPEC-SF22 Datasheet
134Kb / 2P
POWER RECTIFIERS(2.0A,50-400V)
logo
Won-Top Electronics
SF22 WTE-SF22 Datasheet
50Kb / 3P
2.0A SUPER-FAST RECTIFIER
logo
Zowie Technology Corpor...
SF22 ZOWIE-SF22 Datasheet
49Kb / 2P
SUPER FAST RECTIFIER
logo
Rectron Semiconductor
SF22 RECTRON-SF22 Datasheet
275Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
SF22 JGD-SF22 Datasheet
159Kb / 2P
2.0 AMPS. SUPER FAST RECTIFIERS
More results

Mô tả tương tự - SF22

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Galaxy Semi-Conductor H...
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
SUPER FAST RECTIFIERS
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
SUPER FAST RECTIFIERS
SFF801 HY-SFF801 Datasheet
93Kb / 2P
SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
Super Fast Rectifiers
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com