2 / 2 page

Dated : 07/12/2002
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ST 2SD655
Characteristics at Tamb=25
OC
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE=1V, IC=150mA
Current Gain Group D
E
F
hFE
hFE
hFE
250
400
600
-
-
-
500
800
1200
-
-
-
Collector to Base Breakdown Voltage
at IC=10μA
V(BR)CBO
30
-
-
V
Collector to Emitter Breakdown Voltage
at IC=1mA
V(BR)CEO
15
-
-
V
Emitter Base Breakdown Voltage
at IE=10μA
V(BR)EBO
5
-
-
V
Collector Cutoff Current
at VCB=20V
ICBO
-
-
1
μA
Base Emitter Voltage
at VCE=1V, IC=150mA
VBE
-
-
1
V
Collector Emitter Saturation Voltage
at IC=500mA, IB=50mA
VCE(sat)
-
0.15
0.5
V
Gain Bandwidth Product
at VCE=1V, IC=150mA
fT
-
250
-
MHz