6 / 8 page

Dated : 20/09/2005
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
ZMM1B...ZMM200B
10
o
10
Tj=25 C
Vz at Iz=5 mA
Iz=5 mA
1
1
2
10
4
3
5
23
4 5
100V
1
-5
23
Vz at Iz=5 mA
5
4
10
3
24 5
100V
ZMM...
5
Tj=25 C
3
2
5
4
10
7
2
Dynamic resistance
versus Zener voltage
100
rzj
5
4
3
7
10
0.1
3
2
5
4
2
3
5
4
1
Iz
24
3
2
10
7
2
5
7
3
4
rzj
Temperature dependence of Zener voltage
versus Zener voltage
o
0
5
10
15
25
20
Vz
Tj
mV/K
20mA
Iz=1mA
5mA
ZMM...
Vz
Tj
10mA
1
1
24
3
5
negative
5
3
2
4
10
2
4
3
2
rzth
10
5
rzth=RthA.Vz.
3
2
4
5
100V
Vz at Iz=5 mA
10
24
3
5
positive
ZMM...
Dynamic resistance
versus Zener current
3
Thermal differential resistance
versus Zener voltage
Valid provided that electrodes are kept
at ambient temperature
3
ZMM...
ZMM36B
39B
43B
47B+51B