| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
W618LS bảng dữ liệu(PDF) 3 Page - Lumins Inc. |
|
|
|||||||||||||||||||||||||||||
W618LS bảng dữ liệu(HTML) 3 Page - Lumins Inc. |
|
3 / 4 page ![]() LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309 Tel: 954 .717 .4155 Fax: 954 . 717.4157 Web: www.luminis.com LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5 Sept. 2006 Rev. Feb.2007 Toll free: 888 .401 .6999 ACW1 27” 17 3/4” ACA1/ ACW1 -1” x 3” extruded aluminum side pole or wall mounting adaptor. 1/2” dia. stainless steel rod support. 10” x 4” o.dia. aluminum tenon. 10” 16” 11 1/2” 6 3/8” 10 1/2” 6 1/8” 28” 4 1/2” 17 3/4” ACA1 Wall mount 4 5/8” 3” EC3PS -1” x 3” extruded aluminum twin short arm side pole mounting adaptor designed to fit with 4 to 5” dia. poles. 16” lg. X4” o.d. tenon. This option is applicable only to catalog numbers with the suffix LS EC3WS -1” x 3” extruded aluminum twin short arm mounting adaptor designed for wall installation, with a set of two cast aluminum mounting plates. This option is applicable only to catalog numbers with the suffix LS Pole mount ECLIPSE OPTIONAL MOUNTING AND ACCESSORIES Power Power Power ACW1 series Mounting 4 5/8” 3” 6 1/8 6 1/8” 17 3/8” EC3W EC3WS series Mounting Power EC3W -1” x 3” extruded aluminum twin extended arm mounting adaptor designed for wall installation, with a set of two cast aluminum mounting plates. Please specify selected option with a suffix to the specified model number. Ex: W624LS-EC3WS-EC5 M100-WHT Power EPA:0.7 3 1/2” 2 1/2” 18” .093” thick hard aluminum factory prefixed dropped shade. The underside is standard white enamel to optimize lighting performance. The shade can slide along the diffuser to accommodate various landscape viewing angles. 3/16” thick cast aluminum shade for applications where heavy traffic requires indestructible materials. The underside is standard white enamel to optimize lighting performance. The shade can slide along the diffuser to accommodate various landscape viewing angles. 30” 23” 2 1/2” 2 1/2” 30” 2 1/2” 25” Pier or short wall top mount 6” dia. 2” dia.power entry. (3) 5/8” dia. mounting holes @ 120º 8” dia. Option: PR7 Option: EC5 30”dia. aluminum single adjustable dropped shade 18” dia. cast aluminum adjustable shade Option: EC7 23/30”dia. aluminum double adjustable dropped shade Set of two .093” thick hard aluminum shades factory prefixed. The underside is standard white enamel to optimize lighting performance. The set of shades can slide along the diffuser to accommodate various landscape viewing angles. Note: The distance between the two shades is fixed. Option: EC6 Short bollard stand. Compatible with all bollard luminaires. Add. PR7 as suffix to the selected bollard model. Luminaires may be altered for design improvements or discontinued without prior notice. EPA:0.72 16” 18 3/8” 7 1/4” Power EC3P -1” x 3” extruded aluminum twin extended arm side pole mounting adaptor designed to fit with 4 to 5” dia. poles. 16” lg. X4” o.d. tenon. EPA:0.97 EPA:0.25 EPA:0.44 EPA:0.26 L U M I I N S Page 42 Compatible with: ACA1 EC3P ACW1 EC3W Compatible with: ACA1 EC3P EC3PS ACW1 EC3W EC3WS Compatible with: ACA1 EC3P ACW1 EC3W Compatible with: W788 TO W791 Bollard series. |