| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74LS595 bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
74LS595 bảng dữ liệu(HTML) 7 Page - Texas Instruments |
|
7 / 15 page ![]() PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) 5962-86717012A ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC 5962-8671701EA ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC 5962-8671701EA ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC 5962-8671701FA ACTIVE CFP W 16 1 TBD Call TI Level-NC-NC-NC 5962-8671701FA ACTIVE CFP W 16 1 TBD Call TI Level-NC-NC-NC SN54LS595J ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SN54LS595J ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SN74LS595D ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1YEAR SN74LS595D ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1YEAR SN74LS595DE4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1YEAR SN74LS595DE4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1YEAR SN74LS595DR ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1YEAR SN74LS595DR ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1YEAR SN74LS595DRE4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1YEAR SN74LS595DRE4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1YEAR SN74LS595N ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74LS595N ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74LS595N3 OBSOLETE PDIP N 16 TBD Call TI Call TI SN74LS595N3 OBSOLETE PDIP N 16 TBD Call TI Call TI SN74LS595NE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74LS595NE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74LS595NSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS595NSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS595NSRE4 ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS595NSRE4 ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS596D OBSOLETE SOIC D 16 TBD Call TI Call TI SN74LS596D OBSOLETE SOIC D 16 TBD Call TI Call TI SN74LS596N ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74LS596N ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC PACKAGE OPTION ADDENDUM www.ti.com 26-Sep-2005 Addendum-Page 1 |