| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CLC1004IST6 bảng dữ liệu(PDF) 17 Page - Cadeka Microcircuits LLC. |
|
|
|||||||||||||||||||||||||||||
CLC1004IST6 bảng dữ liệu(HTML) 17 Page - Cadeka Microcircuits LLC. |
|
17 / 20 page ![]() Data Sheet ©2007-2008 CADEKA Microcircuits LLC www.cadeka.com 17 Evaluation Board Information The following evaluation boards are available to aid in the testing and layout of these devices: Evaluation Board # Products CEB002 CLC1004, CLC1014 CEB012 CLC3004 Evaluation Board Schematics Evaluation board schematics and layouts are shown in Fig- ures 9-14. These evaluation boards are built for dual- sup- ply operation. Follow these steps to use the board in a single-supply application: 1. Short -Vs to ground. 2. Use C3 and C4, if the -VS pin of the amplifier is not directly connected to the ground plane. Figure 9. CEB002 Schematic Figure 10. CEB002 Top View Figure 11. CEB002 Bottom View |