| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74LS592N bảng dữ liệu(PDF) 11 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LS592N bảng dữ liệu(HTML) 11 Page - Texas Instruments |
|
11 / 20 page ![]() Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) SN74LS593DWE4 ACTIVE SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS593DWE4 ACTIVE SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS593DWR ACTIVE SOIC DW 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS593DWR ACTIVE SOIC DW 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS593DWRE4 ACTIVE SOIC DW 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS593DWRE4 ACTIVE SOIC DW 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS593N ACTIVE PDIP N 20 20 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74LS593N ACTIVE PDIP N 20 20 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74LS593N3 OBSOLETE PDIP N 20 TBD Call TI Call TI SN74LS593N3 OBSOLETE PDIP N 20 TBD Call TI Call TI SN74LS593NE4 ACTIVE PDIP N 20 20 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74LS593NE4 ACTIVE PDIP N 20 20 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74LS593NSR ACTIVE SO NS 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS593NSR ACTIVE SO NS 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS593NSRE4 ACTIVE SO NS 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS593NSRE4 ACTIVE SO NS 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SNJ54LS592FK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54LS592FK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54LS592J ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SNJ54LS592J ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SNJ54LS592W ACTIVE CFP W 16 1 TBD Call TI Level-NC-NC-NC SNJ54LS592W ACTIVE CFP W 16 1 TBD Call TI Level-NC-NC-NC SNJ54LS593FK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54LS593FK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54LS593J ACTIVE CDIP J 20 1 TBD Call TI Level-NC-NC-NC SNJ54LS593J ACTIVE CDIP J 20 1 TBD Call TI Level-NC-NC-NC SNJ54LS593W OBSOLETE 20 TBD Call TI Call TI SNJ54LS593W OBSOLETE 20 TBD Call TI Call TI (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. PACKAGE OPTION ADDENDUM www.ti.com 26-Sep-2005 Addendum-Page 2 |