| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CDK8307DITQ80 bảng dữ liệu(PDF) 22 Page - Cadeka Microcircuits LLC. |
|
|
|||||||||||||||||||||||||||||
CDK8307DITQ80 bảng dữ liệu(HTML) 22 Page - Cadeka Microcircuits LLC. |
|
22 / 29 page ![]() ©2009 CADEKA Microcircuits LLC www.cadeka.com 22 PRELIMINARY Data Sheet Figure 6. Phase Programmability Modes for LCLK The device can also be made to operate in SDR mode by setting the en_sdr bit to '1'. The bit clock (LCLK) is output at 12x times the input clock in this mode, two times the rate in DDR mode. Depending on the state of fall_sdr, LCLK may be output in either of the two manners shown in Figure 7. As can be seen in Figure 7, only the LCLK rising (or falling) edge is used to capture the output data in SDR mode. The SDR mode is not recommended beyond 40MSPS because the LCLK frequency becomes very high. EN_SDR=’1’, FALL_SDR_’0’ EN_SDR=’1’, FALL_SDR_’1’ FCLKN FCLKP LCLKP LCLKN Dxx<1:0> FCLKN FCLKP LCLKN LCLKP Dxx<1:0> Figure 7. SDR Interface Modes The default data output format is offset binary. Two's complement mode can be selected by setting the btc_mode bit to '1' which inverts the MSB. The first bit of the frame (following the rising edge of FCLKP) is the LSB of the ADC output for default settings. Program- ming the msb_first mode results in reverse bit order, and the MSB is output as the first bit following the FCLKP rising edge. Table 14. Number of Serial Output Bits Name Description Default D 1 5 D 1 4 D 1 3 D 1 2 D 1 1 D 1 0 D 9 D 8 D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 Address In Hex lvds_num_bits Sets the number if LVDS output bits 12-bit X 0 53 The ADCs have 13-bit resolution. There are two options for the serial LVDS outputs, 12 bits or 14 bits, selected by reg- ister values '00' and '10', respectively. In 12-bit mode, the LSB bit from the ADCs are removed in the output stream. In 14-bit mode, a '0' is added in the LSB position. Power down mode must be activated after or during a change in the number of output bits. PHASE_DDR<1:0>=’00’ PHASE_DDR<1:0>=’10’ PHASE_DDR<1:0>=’01’ PHASE_DDR<1:0>=’11’ FCLKN FCLKP LCLKP LCLKN Dxx<1:0> FCLKN FCLKP LCLKN LCLKP Dxx<1:0> FCLKN FCLKP LCLKN LCLKP Dxx<1:0> FCLKN FCLKP LCLKP LCLKN Dxx<1:0> |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |