1 / 2 page

Dated : 07/12/2002
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ST 2SA933
PNP Silicon Epitaxial Planar Transistor
for switching and AF amplifier applications.
The transistor is subdivided into three groups, O, Y
and S, according to its DC current gain. As
complementary type the NPN transistor ST 2SC945
is recommended.
On
special
request,
these
transistors
can
be
manufactured in different pin configurations.
TO-92 Plastic Package
Weight approx. 0.19g
Absolute Maximum Ratings (Ta = 25℃)
Symbol
Value
Unit
Collector Base Voltage
-VCBO
50
V
Collector Emitter Voltage
-VCEO
40
V
Emitter Base Voltage
-VEBO
5
V
Collector Current
-IC
100
mA
Power Dissipation
Ptot
300
mW
Junction Temperature
Tj
125
OC
Storage Temperature Range
TS
-65 to +150
OC