công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CDK1301 bảng dữ liệu(PDF) 12 Page - Cadeka Microcircuits LLC.

tên linh kiện CDK1301
Giải thích chi tiết về linh kiện  8-bit, 250 MSPS A/D Converter with Demuxed Outputs REV 1A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CADEKA [Cadeka Microcircuits LLC.]
Trang chủ  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1301 bảng dữ liệu(HTML) 12 Page - Cadeka Microcircuits LLC.

Back Button CDK1301 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 12Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
For additional information regarding our products, please visit CADEKA at: cadeka.com
CADEKA, the CADEKA logo design, COMLINEAR and the COMLINEAR logo design are trademarks or registered trademarks of CADEKA
Microcircuits LLC. All other brand and product names may be trademarks of their respective companies.
CADEKA reserves the right to make changes to any products and services herein at any time without notice. CADEKA does not assume any
responsibility or liability arising out of the application or use of any product or service described herein, except as expressly agreed to in
writing by CADEKA; nor does the purchase, lease, or use of a product or service from CADEKA convey a license under any patent rights,
copyrights, trademark rights, or any other of the intellectual property rights of CADEKA or of third parties.
Copyright ©2008 by CADEKA Microcircuits LLC. All rights reserved.
caDeKa Headquarters Loveland, Colorado
T: 970.663.5452
T: 877.663.5452 (toll free)
Data Sheet
Amplify the Human Experience
Mechanical Dimensions
TQFP-44 Package
Index
C
PIN1
E
F
G
H
I
J
K
A
B
TQFP-44
INCHES
MILLIMETERS
SYMBOL
MIN
TYP
MAX
MIN TYP MAX
A
0.472
12.00
B
0.394
10.00
C
0.394
10.00
D
0.472
12.00
E
0.031
0.80
F
0.012
0.018
0.300
0.45
G
0.053
0.057
1.35
1.45
H
0.002
0.006
0.05
0.15
I
0.018
0.030
0.45
0.75
J
0.039
1.00
K
0-7°
0-7°
D
Evaluation Board
The TBD evaluation board is available to aid designers in
demonstrating the full performance of the CDK1301. This
board includes a clock driver and reset circuit, adjustable
references and common mode, a single-ended to differential
input buffer and a single-ended to differential transformer
(1:1). An application note (TBD) describing the operation
of this board, as well as information on the testing of
the CDK1301, is also available. Contact the factory for
price and availability of the TBD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com