công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M2014TYG bảng dữ liệu(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

tên linh kiện M2014TYG
Giải thích chi tiết về linh kiện  Miniature Rockers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Trang chủ  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2014TYG bảng dữ liệu(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button M2014TYG Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2014TYG Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2014TYG Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2014TYG Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2014TYG Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2014TYG Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2014TYG Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M2014TYG Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. M2014TYG Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Flat Frame Mount Miniature Rockers
Series M
CONTACT MATERIALS & RATINGS
Silver over Silver
Power Level
6A @ 125V AC & 3A @ 250V AC
Gold over Brass or Copper
Logic Level
0.4VA maximum @ 28V AC/DC maximum
Note: See Supplement section to find complete explanation of operating range.
Gold over Silver
Power Level
or Logic Level
6A @ 125V AC
or 0.4VA maximum @ 28V AC/DC maximum
Note: This dual rated option is suitable when two or more identical switches are used in logic and in power circuits within
the same application. See Supplement section to find complete explanation of dual rating and operating range.
A
W
G
TERMINALS
01
03
Solder Lug
.250” (6.35mm)
Straight PC
Single Pole
Double Pole
Three Pole
Four Pole
Epoxy Seal
(2.0)
.079
(2.0)
.079
(4.0)
.157
(1.1)
.043
Thk = (0.8)
.031
(4.8) Typ
.189
(4.7) Typ
.185
(1.8) Dia Typ
.073
1
2
3
6
5
4
7
8
9
(4.8) Typ
.189
(4.7) Typ
.185
(1.8) Dia Typ
.073
1
2
3
6
5
4
7
8
9
12
11
10
(4.7) Typ
.185
(1.8) Dia Typ
.073
1
2
3
MOUNTING FRAMES (CONTINUED)
Optional Hardware Kits
for Subpanel or Face Panel Mounting
Frame
Panel
Thickness
Standoff
Length
Hardware
Kit Number
TN Frame
.125” (3.175mm) .233” (5.918mm)
HK-1
TY Frame
.125” (3.175mm) .312” (7.925mm)
HK-2
Hardware kits include:
2 stainless steel screws, 2 hex nuts, 2 lockwashers, & 2 standoffs
STANDOFF
LENGTH
Face Panel Mounting
Subpanel Mounting
Flat frame devices may
also be mounted to the
face panel. Standoffs
are used to recess the
actuator and achieve
an attractive front panel
appearance.
These devices are especially
designed for subpanel mounting.
When installed on a mounting
plate behind the panel, hardware
is completely concealed and
the front panel retains a clean,
attractive appearance.
Optional Snap-in Panel Frames
Further
details are
shown in
the previous
bracketed
PC mount
subsection.
AT064-1
AT064-2
AT065-1
AT065-2
Epoxy Seal
(4.8)
.189
(6.35)
.250
(1.17)
.046
Thk = (0.8)
.031
(4.7) Typ
.185
(4.8)
.189
(1.8) Dia Typ
.073
1
2
3
6
5
4



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com