| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
JS0204AP4-R bảng dữ liệu(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
|
|||||||||||||||||||||||||||||
JS0204AP4-R bảng dữ liệu(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
6 / 6 page ![]() NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com 03-07 Ultra-Miniature SMT DIP Slides Series JS PACKAGING (CONTINUED) (2.7) 1.06 (0.3) .012 (6.6) .260 5 ° Direction of Feed (1.5) Dia Typ .059 (1.5) Dia Typ .059 (4.0) Typ .157 (12.0) Typ .472 (2.0) Typ .079 (1.75) .069 (11.5) .453 (24.0) .945 (8.7) .343 (4.0) .157 (2.3) .091 Direction of Feed (1.5) Dia Typ .059 (1.5) Dia Typ .059 (4.0) Typ .157 (12.0) Typ .472 (2.0) Typ .079 (1.75) .069 (11.5) .453 (24.0) .945 (8.7) .343 (4.0) .157 (2.3) .091 (2.7) 1.06 (0.3) .012 (11.7) .461 5 ° (80.0) Dia 3.150 (30.4) Max 1.197 (24.4) .961 R Typ (2.0) .079 (10.5) .413 Typ (6.5) .256 (330.0) 13.0 Overall Dia Reel Dimensions for JS0404FP4-R & JS0408FP4-R Tape Dimensions for JS0408FP4-R Tape Dimensions for JS0404FP4-R Tape-Reel Packaging for Flush Actuator Switches are packaged in OFF position. Switches are not available in bulk and must be ordered in the following increments: JS0404FP4-R: 2,000 pieces per tape-reel JS0408FP4-R: 2,000 pieces per tape-reel Minimum Leader Length: 15.75” (400mm) Minimum Trailer Length: 6.3” (160mm) Tape-reel packaging meets EIA-481-2 Standard. R |