công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LF153EDI bảng dữ liệu(PDF) 2 Page - MicroPower Direct, LLC

tên linh kiện LF153EDI
Giải thích chi tiết về linh kiện  Low Cost, Dual Output High Isolation 1W SMT DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MPD [MicroPower Direct, LLC]
Trang chủ  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LF153EDI bảng dữ liệu(HTML) 2 Page - MicroPower Direct, LLC

  LF153EDI Datasheet HTML 1Page - MicroPower Direct, LLC LF153EDI Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx =
±0.01 (±0.25)
• Pin 1 is marked by a “dot” or indentation on the unit
Board Layout
Pin Connections
Pin
Description
Pin
Description
1-Vin
7
NC
2
+Vin
8
+Vout
3NC
10
NC
5
Common
11
NC
6
-Vout
12
NC
NC = No Connection
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Recommended Solder Profile
Derating Curve
Notes:
1. Output load regulation is specified for a load change of 10% to 100%.
2. When measuring output ripple, it is recommended that an external 0.33
µF ceramic
capacitor be placed from the +Vout pin to the -Vout pin for single output units and from
each output to common for dual output units.
3. During operation, care must be taken not to exceed the specified input range of the unit
or to allow the output load to drop below the specified minimum (10% of full load).
Operating the unit under either of these conditions could cause damage to the unit.
4. These converters are specified for operation without external components. However,
in some applications the addition of input/output capacitors will enhance stability and
reduce output ripple. Recommended capacitor values are:
Vin
Input
Capacitor
Vout
Output
Capacitor
3.3 VDC
10.0
µF
5 VDC
4.7
µF
5 VDC
4.7
µF
9 VDC
2.2
µF
12 VDC
2.2
µF
12 VDC
1.0
µF
15 VDC
0.47
µF
For applications requiring very low output noise levels, a simple LC filter
should be effective.
5. It is recommended that a fuse be used on the
input of a power supply for protection. See
the Model Selection table above for the correct
rating.
Model
Number
Input
Output
Load
Regulation
(%, Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
LF101EDI
5
4.5 - 5.5
294
30
±5.0
±100.0
±10.0
12.0
68
500
LF102EDI
5
4.5 - 5.5
277
30
±9.0
±56.0
±6.0
8.0
72
500
LF103EDI
5
4.5 - 5.5
270
30
±12.0
±42.0
±5.0
8.5
74
500
LF104EDI
5
4.5 - 5.5
270
30
±15.0
±33.0
±4.0
7.0
74
500
LF111EDI
12
10.8 - 13.2
121
15
±5.0
±100.0
±10.0
12.0
69
200
LF112EDI
12
10.8 - 13.2
116
15
±9.0
±56.0
±6.0
8.0
72
200
LF113EDI
12
10.8 - 13.2
113
15
±12.0
±42.0
±5.0
8.5
74
200
LF114EDI
12
10.8 - 13.2
113
15
±15.0
±33.0
±4.0
7.0
75
200
LF151EDI
3.3
3.0 - 3.6
452
55
±5.0
±100.0
±10.0
12.0
67
750
LF152EDI
3.3
3.0 - 3.6
445
55
±12.0
±42.0
±5.0
8.5
68
750
LF153EDI
3.3
3.0 - 3.6
432
55
±15.0
±33.0
±4.0
7.0
70
750



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com