| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
B28LP bảng dữ liệu(PDF) 8 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
|
|||||||||||||||||||||||||||||
B28LP bảng dữ liệu(HTML) 8 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
8 / 8 page ![]() NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com 03-07 Process Sealed Subminiature Antistatic Toggles Series B TYPICAL SWITCH DIMENSIONS Threaded Bushing • Straight PC Panel Seal • Single Pole Threaded Bushing • Straight PC Panel Seal • Double Pole B12A1P B22A1P STANDARD HARDWARE & PANEL CUTOUT AT513M Metric Hex Nut Material: Brass, Nickel plated AT063 Gasket Material: Nitrile butadiene rubber (1.3) .051 (6.9) .272 (4.9) .193 (6.2) .244 (8.6) .339 Maximum Panel Thickness with Standard Hardware: .087” (2.2mm) (6.0) .236 (5.0) .197 Slot (6.8) .268 (4.8) .189 (0.6) Dia Typ .024 (2.54) Typ .100 (3.1) .122 (2.6) Dia .102 26 ° (8.0) .315 (5.5) .217 (0.8) .031 (15.1) .594 M6 P0.75 (1.0) .039 1 2 3 CL (8.8) .346 (2.54) Typ .100 4 5 6 CL (8.8) .346 1 2 3 (0.6) Dia Typ .024 (2.54) Typ .100 (3.1) .122 (2.6) Dia .102 26 ° (8.0) .315 (5.5) .217 (0.8) .031 (15.1) .594 M6 P0.75 Slot (8.8) .346 (4.8) .189 (2.54) Typ .100 3 1 2 (0.8) Dia Typ .031 (1.0) .039 CL (0.8) Dia Typ .031 6 4 5 2 3 1 (2.54) Typ .100 (5.08) .200 (8.0) .315 M6 P0.75 (9.0) .354 (1.5) .059 |