| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
B22LP bảng dữ liệu(PDF) 7 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
|
|||||||||||||||||||||||||||||
B22LP bảng dữ liệu(HTML) 7 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
7 / 8 page ![]() NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com 03-07 Process Sealed Subminiature Antistatic Toggles Series B Vertical PC Double Pole Locking Lever • Straight PC • Bracket Double Pole B22AV B22LB TYPICAL SWITCH DIMENSIONS Right Angle PC Double Pole Vertical PC Single Pole B22AH B12AV Locking Lever • Straight PC • Bracket Single Pole B12LB Slot (8.85) .348 (6.0) Dia .236 (5.68) .224 (10.16) .400 (0.4) Typ .016 (0.6) Dia Typ .024 (2.54) Typ .100 (5.1) Dia .201 (4.5) Dia .177 26 ° (3.1) .122 (0.8) .031 (5.8) .228 (5.5) .217 (11.5) .453 (12.5) .492 (15.5) .610 (8.8) .346 (5.08) .200 (0.6) Typ .024 1 2 3 4 5 6 Slot (8.0) .315 (6.0) .236 (10.16) .400 (0.4) Typ .016 (0.6) Dia Typ .024 (2.54) Typ .100 (5.1) Dia .201 (4.5) Dia .177 26 ° (3.1) .122 (0.8) .031 (5.8) .228 (5.5) .217 (11.5) .453 (12.5) .492 (15.5) .610 CL (0.6) Typ .024 (8.8) .346 (1.0) .039 (2.54) .100 1 2 3 (8.8) .346 (5.08) .200 (0.6) Dia Typ .024 1 2 3 4 5 6 26 ° (2.6) Dia .102 (2.7) .106 (1.0) .039 (4.4) .173 (0.5) .020 (3.1) .122 (2.54) Typ .100 (5.08) .200 (0.4) .016 (10.0) .394 (18.9) .746 (6.0) Dia .236 Slot (8.8) .346 (0.6) Typ .024 (5.08) .200 (6.0) Dia .236 Slot (0.6) Typ .024 (2.54) .100 (8.0) .315 26 ° (2.6) Dia .102 (1.0) .039 (4.4) .173 (2.7) .106 (5.08) .200 (0.4) .016 (0.5) .020 (3.1) .122 (2.54) Typ .100 (18.9) .746 (10.0) .394 CL 1 2 3 (8.8) .346 (1.0) .039 (0.6) Dia Typ .024 (8.8) .346 (0.6) Dia Typ .024 (2.54) Typ .100 3 2 1 4 5 6 (2.6) Dia .102 Slot (2.54) .100 (5.08) .200 (0.5) .020 (4.4) .173 (3.1) .122 (0.4) .016 (10.0) .394 (16.4) .646 (2.7) .106 (6.0) Dia .236 (0.6) Typ .024 (5.08) .200 (8.8) .346 (5.08) .200 6 4 5 2 3 1 (2.54) Typ .100 (0.8) Dia Typ .031 (2.54) .100 3 1 2 (2.54) Typ .100 (0.8) Dia Typ .031 (1.0) .039 CL (2.54) .100 (5.08) .200 6 4 5 2 3 1 (2.54) Typ .100 (0.8) Dia Typ .031 (5.08) .200 (5.08) .200 6 4 5 2 3 1 (2.54) Typ .100 (0.8) Dia Typ .031 (5.08) .200 3 1 2 (2.54) Typ .100 (0.8) Dia Typ .031 (1.0) .039 CL (2.54) .100 |