công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VCF0503CASCE1 bảng dữ liệu(PDF) 3 Page - JDS Uniphase Corporation

tên linh kiện VCF0503CASCE1
Giải thích chi tiết về linh kiện  Voltage-Controlled Optical Filters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  JDSU [JDS Uniphase Corporation]
Trang chủ  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

VCF0503CASCE1 bảng dữ liệu(HTML) 3 Page - JDS Uniphase Corporation

  VCF0503CASCE1 Datasheet HTML 1Page - JDS Uniphase Corporation VCF0503CASCE1 Datasheet HTML 2Page - JDS Uniphase Corporation VCF0503CASCE1 Datasheet HTML 3Page - JDS Uniphase Corporation VCF0503CASCE1 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications1
3
Parameter
VCF050
VCF100
Optimized tuning range
1525 to 1570 nm (C band) or 1565 to 1610 nm (L band)
Bandwidth (BW at -0.5 dB)
Typical
15 GHz
25 GHz
Bandwidth (BW at -1 dB)
Minimum
20 GHz
30 GHz
Bandwidth (BW at -3 dB)
Typical
35 GHz
70 GHz
Bandwidth (BW at -20 dB)
Maximum
84 GHz
160 GHz
Non-adjacent rejection
Minimum
-40 dB
-40 dB
-1 dB bandwidth variation over tuning range
Typical
±5%
±5%
Insertion loss
Maximum
3.0 dB
3.0 dB
Insertion loss variation over tuning range
Typical
0.5 dB
0.5 dB
Frequency setting accuracy2
Typical
±3 GHz
±3 GHz
Maximum
±4 GHz
±5 GHz
Potentiometer frequency backlash
Typical
2 GHz
2 GHz
Maximum
8 GHz
8 GHz
Stepper motor frequency backlash
Typical
3 GHz
3 GHz
Maximum
9.5 GHz
9.5 GHz
Stepper motor frequency repeatability (unidirectional)
Typical
±0.5 GHz
±0.5 GHz
Polarization dependent loss3
Maximum
0.30 dB
0.20 dB
Polarization mode dispersion3
0.2 ps
0.2 ps
Group delay dispersion2
±50 ps/nm
±20 ps/nm
Return loss
Minimum
40 dB
Settling time
Maximum
30 ms
Tuning speed
Maximum
5000 ms
Wear
Maximum
1.2 x 106 nm
Fiber type
SMF-28 with 900 µm buffered jacket or 250 µm bare fiber
Maximum optical power (single-channel)
Maximum
10 dBm
Maximum optical power (all channels)
Maximum
23 dBm
Dimensions (W x H x D)4 side pinout
25 x 12 x 50 mm
Operating temperature
-5 to 70 °C
Storage temperature
-40 to 85 °C
1. All specifications are excluding connectors, over operating temperature range -5 to 70°C, wavelength range 1525 to 1570 nm or 1565 to 1610 nm, and all polarization states.
2. Using insertion loss feedback.
3. Within specified bandwidth over ±12 GHz from filter center.
4. Excluding strain relief and connector pins.
VCF SERIES
Filter Performance: VCF100
Relative Frequency (GHz)
0
-5
-10
-15
-20
-25
-30
-200 -175 -150 -125 -100 -75
-50
-25
0
25
50
75
100 125 150 175
200
60
40
20
0
-20
-40
-60



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com